Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F623 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F623
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F623 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F623 Datasheet HTML 1Page - Texas Instruments SN74F623 Datasheet HTML 2Page - Texas Instruments SN74F623 Datasheet HTML 3Page - Texas Instruments SN74F623 Datasheet HTML 4Page - Texas Instruments SN74F623 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54F623, SN74F623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDFS087 – MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Local Bus-Latch Capability
• Noninverting Logic
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These octal bus transceivers are designed for
asynchronous
communication
between
data
buses. The control function implementation allows
for maximum flexibility in timing.
These devices allow data transmission from the A
bus to the B bus or from the B bus to the A bus
depending upon the logic levels at the output
enable (OEAB and OEBA) inputs.
The output-enable inputs can be used to disable
the device so that the buses are effectively
isolated. The dual-enable configuration gives the
transceivers the capability of storing data by
simultaneously enabling OEAB and OEBA. Each
output reinforces its input in this configuration.
When both OEAB and OEBA are enabled and all
other data sources to the two sets of bus lines are
at high impedance, both sets of bus lines (16 in all)
will remain at their last states.
The SN54F623 is characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The SN74F623 is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OPERATION
OEBA
OEAB
OPERATION
L
L
B data to A bus
L
H
B data to A bus,
A data to B bus
H
L
Isolation
H
H
A data to B bus
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
SN54F623 ...J PACKAGE
SN74F623 . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54F623 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F623 TI1-SN74F623 Datasheet
618Kb / 13P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74F623DW TI1-SN74F623DW Datasheet
618Kb / 13P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74F623DWR TI1-SN74F623DWR Datasheet
618Kb / 13P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74F623N TI1-SN74F623N Datasheet
618Kb / 13P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F623

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com