Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114EE Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC114EE
Description  Digital Transistors NPN (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC114EE Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTC114EE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC114EE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see equivalent circuit).
* Only the on/off confitions need to be set for operation
making device design easy.
* The bias resistors consis of thin-film resistors with
compete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
External dimensions (Units:mm
SOT-323
SOT-523
TO-92S
SOT-23
)
SOT-23-3L
SOT-323
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
Digital Transistors NPN (Built-in Resistors)
DTC114EE/DTC114EUA/DTC114EKA
/DTC114ESA/DTC114ECA
Absolute maximum ratings(Ta=25℃)
Limits (DTC114E□)
Parameter
Symbol
E
UA
CA
KA
SA
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10~40
V
IO
50
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
200
300
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃


Similar Part No. - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC114EE ROHM-DTC114EE Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE Datasheet
429Kb / 13P
Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC114EE ROHM-DTC114EE Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE Datasheet
438Kb / 13P
Bias Resistor Transistor NPN Silicon
More results

Similar Description - DTC114EE

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
logo
Cystech Electonics Corp...
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com