Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143XUA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC143XUA
Description  NPN Digital Transistors (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC143XUA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DTC143XUA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC143XUA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
DTC1
43XE/DTC143XUA/DTC143XKA
DTC1
43XCA/TC143XSA
NP
N Digital Transistors (Built-in Resistors)
Absolute maximum ratings (Ta=25
℃)
Limits (DTC143X )
Parameter
Symbol
E
UA
CA
KA
SA
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-7~+20
V
IO
100
Output current
IC(MAX)
100
mA
Power dissipation
Pd
150
200
300
mW
Junction
temperature
Tj
150
℃
Storage temperature
Tstg
-55~150
℃
Electrical characteristics (Ta=25
℃)
Typical Characteristics
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
0.3
VCC=5V, IO=100µA
Input voltage
VI(on)
2.5
V
VO=0.3V, IO=20 mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
1.8
mA
VI=5V
Output current
IO(off)
0.5
µA
VCC=50V, VI=0
DC current gain
GI
30
VO=5V, IO=10mA
Input resistance
R1
3.29
4.7
6.11
K
Ω
Resistance ratio
R2/R1
1.7
2.1
2.6
Transition frequency
fT
250
MHz
VO=10V, IO=5mA, f=100MHz
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com