Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES12M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ES12M
Description  1.0 Amp Surface Mount Efficient Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES12M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES12M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES12M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES11M~ES15M
50 ~ 600 V
1.0 Amp Surface Mount Efficient Fast Rectifiers
01-December-2008 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
DESCRIPTIONS
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to optimize board space.
Small plastic SMD package.
tRR less than 25nS for high efficiency
Low forward drop down voltage
High surge and high current capability.
Superfast recovery time for switching mode application.
Glass-passivated chip junction.
PACKAGING INFORMATION
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.0270 g (approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
ES11M
E1
ES14M
E4
ES12M
E2
ES15M
E5
ES13M
E3
ELECTRICAL CHARACTERISTICS AND RATINGS (TA = 25°C unless otherwise specified.)
PART NUMBERS
PARAMETERS
SYMBOL
ES11M
ES12M
ES13M
ES14M
ES15M
UNITS
TESTING
CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
V
Reverse Voltage (Max.)
VR
50
100
200
400
600
V
Forward Voltage (Max.)
VF
0.875
1.25
1.75
V
IF = 1A
Average Forward
Rectified Current (Max.)
IO
1.0
A
Ambient
temperature = 55°C
Peak Forward Surge Current
IFSM
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR=VRRM, TA=25°C
DC Reverse Current at
Rated DC Blocking Voltage (Max.)
IR
100
μA
VR=VRRM, TA=125°C
Reverse Recovery Time
tRR
25
nS
Junction Capacitance (Typ.)
CJ
15
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 150
°C
SOD-123M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.50
3.90
D
3.60 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
1.30
1.70
F
0.30 (TYP.)
E
E
F
B
C
D
A


Similar Part No. - ES12M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES12M SECOS-ES12M Datasheet
213Kb / 2P
50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
More results

Similar Description - ES12M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
66Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_1 Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_10 Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
RS1A TSC-RS1A_10 Datasheet
455Kb / 2P
1.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M_11 Datasheet
213Kb / 2P
50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
logo
Tiger Electronic Co.,Lt...
US1M TGS-US1M Datasheet
208Kb / 1P
1.0 AMP, HIGH EFFICIENT RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SMF101A GWSEMI-SMF101A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMU11A GWSEMI-SMU11A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
ES11M SECOS-ES11M_15 Datasheet
213Kb / 2P
1.0 Amp Surface Mount Efficient Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com