Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFCHCAS Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFCHCAS
Description  Fused Coupler, Single Window, Low Loss,C or L Band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCHCAS Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFCHCAS Datasheet HTML 1Page - JDS Uniphase Corporation FFCHCAS Datasheet HTML 2Page - JDS Uniphase Corporation FFCHCAS Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: FFCHC2H1PB110
FUSED COUPLER, SINGLE WINDOW, LOW LOSS, C OR L BAND,
FFCH SERIES
Code
Coupling Ratio
11%
22%
33%
55%
A
10%
C
20%
E
30%
F
33%
H
40%
K
50%
Code
Configuration
01x1 (attenuator)
11x2
22x2
Code
Grade
AGrade A
PGrade P
Code
Passband
Wavelength
3
1480 nm
4
1310 nm
C
1550 nm
L
1590 nm
FFCH
Code
Housing
H
Ø 3.0 mm cable
L
Ø 900 µm fiber
S
Ø 250 µm fiber
Code
Pigtail Length
00.5 m
11 m
22 m
33 m
44 m
55 m
66 m
77 m
88 m
9
9 m
A
10 m
Code
Connectors
0NONE
1FC/PC
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
6BICONIC
7D4
8
ST
9FC/UPC
A
SC/UPC
BLC
C
MU
B1
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162511 000 0908
FFCH.DS.CC.AE
September 2008
SMF-28 is a registered trademark of Corning Incorporated. LC and ST are registered trademarks of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Specifications
Parameter
1310 band
1480 band
C band
L band
Operating wavelength range1
1295 to 1325 nm
1465 to 1495 nm
1528 to 1563 nm
1570 to 1605 nm
Return loss/directivity
Minimum
55 dB
Pigtail tensile load
Maximum
5 N
Optical power handling2
Maximum
4 W
Operating temperature range3
-40 to 75°C
Storage temperature range
-40 to 85°C
Environmental qualification
Telcordia GR-1221
Package dimensions
S package (D x L)
3.0 x 54 mm
L package (D x L)
3.6 x 70 mm
H package (L x W x H)
85 x 17.8 x 7.5 mm
1. For wavelength within ±5 nm of the specified range performance will be maintained for signal path insertion loss, PDL, TDL, directivity and return loss. The only parameters to increase will be tap
insertion loss and WDL. Maximum values of increase are:
Tap ratio = 1%, maximum tap insertion loss and WDL increase = 0.1 dB.
Tap ratio = 2 to 9%, maximum tap insertion loss and WDL increase = 0.07 dB.
Tap ratio = 10 to 50%, maximum tap insertion loss and WDL increase = 0.05 dB.
2. For 1x2 and 2x2 configurations.
3. TDL is specified from –5 to 75°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com