Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A412RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A412RU
Description  Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A412RU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A412RU Datasheet HTML 1Page - MicroPower Direct, LLC A412RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
4W Output Power
UL Approved (File E245422)
4:1 Input Voltage Range
1,500 VDC Isolation
Meets EN55022 Class “A”
Compact DIP Case
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
A400RU
Single & Dual Output, 4W
Ultra-Wide Input Range
DC/DC Converters
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
24 VDC Input
4.5
6.0
8.5
VDC
48 VDC Input
8.5
12.0
17.0
Input Filter
π (Pi) Filter (Complies with EN55022 Class “A”)
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
2,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
Vin = Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 10% to 100%
±0.3
±1.0
%
Ripple & Noise (20 MHz) (Note 1)
50
75
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Transient Recovery Time (Note 2)
25% Load Step Change
150
500
μSec
Transient Response Deviation
±2.0
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
Isolation Capacitance
100 kHz, 1V
380
500
pF
Switching Frequency
350
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+71
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Side Shielded Metal Case
Conducted EMI
Complies with EN55022 Class “A”
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Metal with Non-Conductive Base
Weight
0.49 Oz (14g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.0
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
2,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - A412RU

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A412222-HV UNITEDAUTOMATION-A412222-HV Datasheet
483Kb / 2P
9kW, 12kW, 18kW and 24kW 1-Phase Burst Fire Power Controller
10 February 2026
A412232-HV UNITEDAUTOMATION-A412232-HV Datasheet
483Kb / 2P
9kW, 12kW, 18kW and 24kW 1-Phase Burst Fire Power Controller
10 February 2026
A412252-HV UNITEDAUTOMATION-A412252-HV Datasheet
483Kb / 2P
9kW, 12kW, 18kW and 24kW 1-Phase Burst Fire Power Controller
10 February 2026
logo
PANDUIT CORP.
A41235 PANDUIT-A41235 Datasheet
104Kb / 1P
FORK TERMINALS, NYLON INSULATED
04-26-13
More results

Similar Description - A412RU

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2000 MINMAX-MIW2000 Datasheet
234Kb / 8P
3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Toppower Electronic Tec...
TP04DA TOPPOWER-TP04DA Datasheet
196Kb / 4P
4W Wide Range Input Voltage DC/DC Converters
TP04DA TOPPOWER-TP04DA_19 Datasheet
290Kb / 5P
4W Wide Range Input Voltage DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com