Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JXP-01LMAC1 Datasheet(PDF) 11 Page - JDS Uniphase Corporation

Part # JXP-01LMAC1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LMAC1 Datasheet(HTML) 11 Page - JDS Uniphase Corporation

Back Button JXP-01LMAC1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 14Page - JDS Uniphase Corporation JXP-01LMAC1 Datasheet HTML 15Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
3.8
XFP Two-wire Interface Protocol and Management Interface
The 10 Gbps 1310 nm multiprotocol XFP optical transceiver incorporates a XFP
compliant two-wire management interface which is used for serial ID, digital
diagnostics, and certain control functions. It is modeled on the SFF-8472 Rev
9.3 specification modified to accommodate a single two-wire interface address.
In addition to the basic I2C read/write functionality, the modules support packet
error checking that, when enabled, allows the host system to confirm the validity
of any read data. Details of the protocol and interface are explicitly described in the
MSA. Please refer to the MSA for design reference.
Figure 5
XFP two-wire serial digital diagnostic memory map
Two-wire Serial Address
1010000x (A0H)
Digital
Diagnostic
Functions
4 Byte Password Change
4 Byte Password Entry
Page Select Byte Entry
0-
118
119-122
126
127
User
EEPROM
Data
XFP MSA
Serial ID
Data
Vendor Specific
ID Data
Reserved
For Future
Diagnostic
Functions
Vendor
Specific
Functions
Reserved
128-
255
128-
128-
128-
128-
255
255
255
255
223
224-
Table 00H
Table 01H
Table 02H
Table 03H-7FH
Table 80H-FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com