Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1072F Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # AD1072F
Description  Very Low Cost, 72W DIN Rail Mount Single Output AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD1072F Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  AD1072F Datasheet HTML 1Page - MicroPower Direct, LLC AD1072F Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Rated
Power
(W)
Input
Output
Overvoltage
Protection
(VDC)
Ripple &
Noise
(mV p-p)
Efficiency
(%, Typ)
Voltage (VAC)
Current (A)
Voltage
(VDC)
Current (A)
Max)
Current (A)
Range
Universal Range 115 VAC 230 VAC
AD1072-12F
72
100 - 240
1.0
0.5
12
6.0
0 ~ 6.0
15 ~ 17
100
78
AD1072-24F
72
100 - 240
1.0
0.5
24
3.0
0 ~ 3.0
27 ~ 30
150
81
AD1072-48F
72
100 - 240
1.0
0.5
48
1.5
0 ~ 1.5
52 ~ 56
250
82
Notes:
1. Load regulation is specified for a load change
of 20% to 100%.
2. Ripple & noise is measured using equipment
with 20 Mhz of bandwidth with the unit under
test operating at rated load and a 110 VAC
input. Connection to the unit is made with a
0.1 μF / 630V metalized capacitor & a 47 μF
electrolytic capacitor connected in parallel.
3. Transient recovery is measured to within a 1%
error band for a load step change of 50% to
100%.
4. Isolation resistance is given for Input/Output
and Input/FG. For Output/FG., it is 50 M
Ω
5. Overload protection is power limiting. The
unit recovers automatically when the fault is
removed.
6. Over voltage protection is a shut down type.
The unit recovers automatically when the fault
is removed.
7. To mount the unit to the DIN rail, tilt the unit
rearwards from the top, fitting the mount over
the top of the rail. Press back on the bottom
front of the unit until it locks in place on the
rail. To remove the unit from the rail, pull the
removal clip at the bottom rear of the unit
downward with a screw driver. With the clip
down, lift up on the unit from the bottom
front until it clears the rail. Before installation
or removal all wiring should be disconnected
and the main power to the system shut off.
8. When wiring the supply, all lines should be
as thick and short as possible. AWG 14 wire is
recommended for the AD1072F series.
9. The units should be mounted so they are
vertically orientated. Air flow (if it is provided)
would optimally flow from the bottom to the
top of the unit.
10. It is recommended that a fuse be used on the
input of a power supply for protection. For
the AD1072F series a 250VAC 2.0A is recom-
mended.
Connections TB 1
Pin
Function
1
DC Output (+V)
2
DC Output (-V)
3
FT (Optional)
4
FT (Optional)
5
Frame Ground (FG)
6
AC Input - Neutral
7
AC Input - Live
Units with the optional “FT” outputs may be
easily connected for “Fault Tolerant operation.
Contact the factory for details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com