Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDL301 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MDL301
Description  30V Hot-Carrier Detector Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MDL301 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MDL301 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MDL301 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
lly
MDL301
30V Hot-Carrier Detector Schottky Barrier Diode
MAXIMUM RATINGS (TJ = 25
unless otherise noted)
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Schottky Barrier Diodes Packaged in SOD-323
Low Reverse Leakage
Very Low Capacitance
.
...
.
Extremely Low Minority Carrier lifetime - 15 ps (Type)
SOD-323(SC-76)
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
Marking Code : 4T
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Total Device Dissipation FR-5 Board
(1) ,
TA=25°C Derate above 25°C
PD
200
1.57
mW
mW/°C
Thermal Resistance Junction to Ambient
R
θJA
635
°C/W
Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Note: FR-5 Minimum Pad
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
IR=10uA
V(BR)R
30
-
-
V
Maximum Instantaneous Forward Voltage
IF=1.0mA
IF=10mA
VF
-
0.38
0.52
0.45
0.60
V
Reverse Leakage
VR=25V
IR
-
13
200
nA
Diode Capacitance
VR=15V, f=1.0MHz
CT
-
0.9
1.5
pF
°C
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MDL301

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MDL301 SUNMATE-MDL301 Datasheet
288Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
MDL301K SECOS-MDL301K Datasheet
359Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
MDL301K SECOS-MDL301K_15 Datasheet
360Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
More results

Similar Description - MDL301

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
Weitron Technology
WBDL301 WEITRON-WBDL301 Datasheet
277Kb / 3P
Surface Monut Schottky Barrier Diode Silicon Hot-Carrier Diodes
logo
SeCoS Halbleitertechnol...
MDL301K SECOS-MDL301K Datasheet
359Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MMBD301M3T5G ONSEMI-MMBD301M3T5G Datasheet
117Kb / 3P
Silicon Hot-Carrier Diode
January, 2009 ??Rev. 0
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
logo
SeCoS Halbleitertechnol...
MDL301K SECOS-MDL301K_15 Datasheet
360Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
logo
ON Semiconductor
MMBD301M3T5G ONSEMI-MMBD301M3T5G_13 Datasheet
94Kb / 3P
Silicon Hot-Carrier Diode
May, 2013 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com