Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z2V0 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z2V0
Description  Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z2V0 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z2V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z2V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z2V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Zener Diode
MM3Z Series
200mW, SOD-323(SC-76)
Electrical Characteristics (TA = 25 C unless otherwise specified)
Zener Voltage Range (Note 2)
O
VZ
Maximum
Zener Impedance (Note 3)
Maximum
Reverse Current
(Note 2)
Min
Nom
Max
@IZT
ZZT@IZT
ZZK@IZK
IR @ VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 5 mA
mV /
Type
Number
Marking
Code
V
V
V
mA
mA
µA
V
Min
Max
MM3Z2V0
0H ,
WY
1.91
2.0
2.09
5
100
600
1.0
150
1.0
-3.5
0
MM3Z2V4
00 ,
WX
2.2
2.4
2.6
5
100
600
1.0
50
1.0
-3.5
0
MM3Z2V7
01 ,
W1
2.5
2.7
2.9
5
100
600
1.0
20
1.0
-3.5
0
MM3Z3V0
02 ,
W2
2.8
3.0
3.2
5
95
600
1.0
10
1.0
-3.5
0
MM3Z3V3
05 ,
W3
3.1
3.3
3.5
5
95
600
1.0
5
1.0
-3.5
0
MM3Z3V6
06 ,
W4
3.4
3.6
3.8
5
90
600
1.0
5
1.0
-3.5
0
MM3Z3V9
07 ,
W5
3.7
3.9
4.1
5
90
600
1.0
3
1.0
-3.5
0
MM3Z4V3
08 ,
W6
4.0
4.3
4.6
5
90
600
1.0
3
1.0
-3.5
0
MM3Z4V7
09 ,
W7
4.4
4.7
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
MM3Z5V1
0A ,
W8
4.8
5.1
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
MM3Z5V6
0C ,
W9
5.2
5.6
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
MM3Z6V2
0E ,
WA
5.8
6.2
6.6
5
10
150
1.0
3
4.0
0.4
3.7
MM3Z6V8
0F ,
WB
6.4
6.8
7.2
5
15
80
1.0
2
4.0
1.2
4.5
MM3Z7V5
0G ,
WC
7.0
7.5
7.9
5
15
80
1.0
1
5.0
2.5
5.3
MM3Z8V2
0H ,
WD
7.7
8.2
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
MM3Z9V1
0K ,
WE
8.5
9.1
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
MM3Z10V
0L ,
WF
9.4
10
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
MM3Z11V
0M ,
WG
10.4
11
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
MM3Z12V
0N ,
WH
11.4
12
12.7
5
25
150
1.0
0.1
8.0
6.0
10
MM3Z13V
0P ,
WI
12.4
13.3
14.1
5
30
170
1.0
0.1
8.0
7.0
11
MM3Z15V
0T ,
WJ
14.3
15
15.8
5
30
200
1.0
0.1
10.5
9.2
13
MM3Z16V
0U ,
WK
15.3
16.2
17.1
5
40
200
1.0
0.1
11.2
10.4
14
MM3Z18V
0W ,
WL
16.8
18
19.1
5
45
225
1.0
0.1
12.6
12.4
16
MM3Z20V
0Z ,
WM
18.8
20
21.2
5
55
225
1.0
0.1
14.0
14.4
18
MM3Z22V
10 ,
WN
20.8
22
23.3
5
55
250
1.0
0.1
15.4
16.4
20
MM3Z24V
11 ,
WO
22.8
24.2
25.6
5
70
250
1.0
0.1
16.8
18.4
22
MM3Z27V
12 ,
WP
25.1
27
28.9
2
80
300
0.5
0.05
18.9
21.4
25.3
MM3Z30V
14 ,
WQ
28
30
32
2
80
300
0.5
0.05
21.0
24.4
29.4
MM3Z33V
18 ,
WR
31
33
35
2
80
325
0.5
0.05
23.2
27.4
33.4
MM3Z36V
19 ,
WS
34
36
38
2
90
350
0.5
0.05
25.2
30.4
37.4
MM3Z39V
20 ,
WT
37
39
41
2
130
350
0.5
0.05
27.3
33.4
41.2
MM3Z43V
21 ,
WU
40
43
46
2
150
500
0.5
0.05
30.1
37.6
46.6
MM3Z47V
1A ,
WV
44
47
50
2
170
500
0.5
0.05
32.9
42.0
51.8
MM3Z51V
1C ,
WW
48
51
54
2
180
500
0.5
0.05
35.7
46.6
57.2
MM3Z56V
1D ,
1W
52
56
60
2
200
500
0.5
0.05
39.2
52.2
63.8
MM3Z62V
1E ,
2W
58
62
66
2
215
500
0.5
0.05
43.4
58.8
71.6
MM3Z68V
1F ,
3W
64
68
72
2
240
500
0.5
0.05
47.6
65.6
79.8
MM3Z75V
1G ,
4W
70
75
79
2
255
500
0.5
0.05
52.5
73.4
88.6
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Test with pulses. period = 5 ms, pulse width = 300 µs
3. f = 1 K Hz
Maximum Ratings @ TA = 25
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1),
Derate above 25
Pd
200
1.5
mW
mW /
Forward Voltage (Note 2) @ IF = 10 mA
VF
0.9
V
Thermal Resistance from Junction to Ambient (Note 1)
R JA
625
/ W
Operating and Storage Temperature Range
Tj , TSTG
-65 ~ +150
Note: 1. Valid provided that device terminals are kept at ambient temperature.
2. Short duration test pulse used in minimize self-heating effect.
3. f = 1 K Hz
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
A suffix of "-C" specifies halogen & RoHS compliant


Similar Part No. - MM3Z2V0

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z2V0 DIOTEC-MM3Z2V0 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MM3Z2V0 SEMTECH_ELEC-MM3Z2V0 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z2V0 HTSEMI-MM3Z2V0 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
logo
Gaomi Xinghe Electronic...
MM3Z2V0 GXELECTRONICS-MM3Z2V0 Datasheet
449Kb / 3P
0.3W SILICON PLANAR ZENER DIODES
logo
SUNMATE electronic Co.,...
MM3Z2V0 SUNMATE-MM3Z2V0 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
More results

Similar Description - MM3Z2V0

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com