Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5231B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMSZ5231B
Description  Surface Mount Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMSZ5231B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMSZ5231B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMSZ5231B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMSZ5231B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
l RoHS Compliant
l Planar Die Construction
l General Purpose Dissipation
l Ideally suited for Automated Assembly Process
l Case: SOD-123, Plastic
l Case material – UL Flammability Rating Classification 94V-0
l Moisture sensitivity: Level 1 per J-STD-020A
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Cathode Band
l Weight: 0.01 grams (approx.)
Mech anical Dat a
Outline
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
-
1.35
E
0.55 Typical
G
0.25
-
H
0.11 Typical
J
-
0.10
0°
8°
All Dimensions in mm
Electrical Characteristic Curves @ TA=25
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B
C
D
E
G
H
J
0
0.1
0.2
0.3
0.4
0.5
25
050
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Dissipation vs Ambient Temperature
0.6
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 2 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V = 1V
R
V = 2V
R
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com