Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC151 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC151
Description  8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC151 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC151 Datasheet HTML 1Page - Texas Instruments SN54HC151 Datasheet HTML 2Page - Texas Instruments SN54HC151 Datasheet HTML 3Page - Texas Instruments SN54HC151 Datasheet HTML 4Page - Texas Instruments SN54HC151 Datasheet HTML 5Page - Texas Instruments SN54HC151 Datasheet HTML 6Page - Texas Instruments SN54HC151 Datasheet HTML 7Page - Texas Instruments SN54HC151 Datasheet HTML 8Page - Texas Instruments SN54HC151 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54HC151, SN74HC151
8LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS110E − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 13 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D 8-Line to 1-Line Multiplexers Can Perform
as:
− Boolean-Function Generators
− Parallel-to-Serial Converters
− Data Source Selectors
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D3
D2
D1
D0
Y
W
G
GND
VCC
D4
D5
D6
D7
A
B
C
SN54HC151 ...J OR W PACKAGE
SN74HC151 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
D5
D6
NC
D7
A
D1
D0
NC
Y
W
SN54HC151 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
These data selectors/multiplexers provide full binary decoding to select one of eight data sources. The strobe
(G) input must be at a low logic level to enable the inputs. A high level at the strobe terminal forces the W output
high and the Y output low.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC151N
SN74HC151N
Tube of 40
SN74HC151D
SOIC − D
Reel of 2500
SN74HC151DR
HC151
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC151DT
HC151
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC151NSR
HC151
Tube of 90
SN74HC151PW
TSSOP − PW
Reel of 2000
SN74HC151PWR
HC151
TSSOP − PW
Reel of 250
SN74HC151PWT
HC151
CDIP − J
Tube of 25
SNJ54HC151J
SNJ54HC151J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC151W
SNJ54HC151W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC151FK
SNJ54HC151FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC151 TI1-SN54HC151 Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI2-SN54HC151 Datasheet
244Kb / 11P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
REVISED APRIL 2008
SN54HC151 TI2-SN54HC151 Datasheet
1Mb / 28P
SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
REVISED FEBRUARY 2022
SN54HC151J TI1-SN54HC151J Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151J TI2-SN54HC151J Datasheet
1Mb / 28P
SNx4HC151 8-Line To 1-Line Data Selectors/Multiplexers
REVISED FEBRUARY 2022
More results

Similar Description - SN54HC151

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI-CD54ACT151 Datasheet
245Kb / 5P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LS356 TI-SN74LS356 Datasheet
334Kb / 10P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157A TI-SN74LV157A_08 Datasheet
533Kb / 17P
QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
CD54ACT151 TI1-CD54ACT151_14 Datasheet
806Kb / 13P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI1-SN54HC151_15 Datasheet
1Mb / 20P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com