Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2012RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B2012RUI
Description  Compact, High Isolation 4:1 Input Range, 20W DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B2012RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B2012RUI Datasheet HTML 1Page - MicroPower Direct, LLC B2012RUI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Max
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B2001RUI
24
9.0 - 36.0
879
50
3.3
5,500.0
0.0
3.9
89
10,000
2,000
B2002RUI
24
9.0 - 36.0
957
50
5.0
4,000.0
0.0
6.8
90
6,800
2,000
B2003RUI
24
9.0 - 36.0
980
22
12.0
1,670.0
0.0
15.0
88
1,000
2,000
B2004RUI
24
9.0 - 36.0
968
22
15.0
1,330.0
0.0
18.0
89
680
2,000
B2005RUI
24
9.0 - 36.0
968
65
±5.0
±2000.0
0.0
±6.2
89
±2,200
2,000
B2006RUI
24
9.0 - 36.0
980
25
±12.0
±835.0
0.0
±15.0
88
±470
2,000
B2007RUI
24
9.0 - 36.0
980
25
±15.0
±665.0
0.0
±18.0
88
±330
2,000
B2011RUI
48
18.0 - 75.0
440
30
3.3
5,500.0
0.0
3.9
89
10,000
1,500
B2012RUI
48
18.0 - 75.0
457
30
5.0
4,000.0
0.0
6.8
91
6,800
1,500
B2013RUI
48
18.0 - 75.0
484
15
12.0
1,670.0
0.0
15.0
89
1,000
1,500
B2014RUI
48
18.0 - 75.0
484
15
15.0
1,330.0
0.0
18.0
89
680
1,500
B2016RUI
48
18.0 - 75.0
484
45
±5.0
±2000.0
0.0
±6.2
89
±2,200
1,500
B2016RUI
48
18.0 - 75.0
490
15
±12.0
±835.0
0.0
±15.0
88
±470
1,500
B2017RUI
48
18.0 - 75.0
490
15
±15.0
±665.0
0.0
±18.0
88
±330
1,500
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
Trim
Common
2
-Vin
-Vin
5
-Vout
-Vout
3
+Vout
+Vout
6
Remote On/Off Remote On/Off
Pin Connections
Remote ON/OFF (Optional, see below)
Parameter
Min
Max
Units
Supply On
3.0
12 or Open VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
5 mA Typical
Control Common
Referenced to Neg. Input (pin 2)
Notes:
1. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin for single output units and from each output to
common for dual output units.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to
100%.
3. Operation at no-load will not damage these units. However, they may not meet all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
5. With the addition of a simple input Pi filter, the unit should meet the conducted emissions
requirements of EN55022 class A. Typical component values would be 2.2 µF/100V for the two
capacitors and 12 µH for the inductor. The filter components should be mounted as close to
the unit as possible.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
A simple external circuit may be used to
adjust the converter output. To adjust the
output DOWN, connect a 5%, 3W resistor
between the plus output pin and the Vout
trim pin. To adjust the output UP, connect a
5%, 3W resistor between the minus output
pin and the Vout trim pin.
For UP/Down trimming capability, con-
nect a 10 kW potentiometer between
the plus and minus outputs with the
wiper arm connected to the Vout trim pin.
Care should be taken that the maximum
output power of the unit does not exceed
the maximum rating.
Output Trim (Single Output Models)
Trim Down
-5%
-10%
Units
Vout =
11.400 10.800
VDC
Rtrim - Down = 38.591
5.264
k
Trim Up
+5%
+10%
Units
Vout =
12.600 13.200
VDC
Rtrim - Up =
63.489 22.094
k
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com