Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC166 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC166
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC166 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC166 Datasheet HTML 1Page - Texas Instruments SN54HC166 Datasheet HTML 2Page - Texas Instruments SN54HC166 Datasheet HTML 3Page - Texas Instruments SN54HC166 Datasheet HTML 4Page - Texas Instruments SN54HC166 Datasheet HTML 5Page - Texas Instruments SN54HC166 Datasheet HTML 6Page - Texas Instruments SN54HC166 Datasheet HTML 7Page - Texas Instruments SN54HC166 Datasheet HTML 8Page - Texas Instruments SN54HC166 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54HC166, SN74HC166
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SCLS117B – DECEMBER 1982 – REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Synchronous Load
D Direct Overriding Clear
D Parallel-to-Serial Conversion
D Package Options Include Plastic
Small-Outline (D) and Ceramic Flat (W)
Packages, Ceramic Chip Carriers (FK), and
Standard Plastic (N) and Ceramic (J)
300-mil DIPs
description
The ’HC166 parallel-in or serial-in, serial-out
registers feature gated clock (CLK, CLK INH)
inputs and an overriding clear (CLR) input. The
parallel-in or serial-in modes are established by
the shift / load (SH/LD) input. When high, SH/LD
enables the serial (SER) data input and couples
the eight flip-flops for serial shifting with each
clock (CLK) pulse. When low, the parallel
(broadside)
data
inputs
are
enabled,
and
synchronous loading occurs on the next clock
pulse. During parallel loading, serial data flow is
inhibited. Clocking is accomplished on the
low-to-high-level edge of CLK through a 2-input
positive-NOR gate permitting one input to be used
as a clock-enable or clock-inhibit function. Holding
either CLK or CLK INH high inhibits clocking;
holding either low enables the other clock input.
This allows the system clock to be free running,
and the register can be stopped on command with
the other clock input. CLK INH should be changed
to the high level only when CLK is high. CLR
overrides all other inputs, including CLK, and
resets all flip-flops to zero.
The SN54HC166 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74HC166 is characterized for operation from –40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
H
QH
NC
G
F
B
C
NC
D
CLK INH
SN54HC166 ...FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SER
A
B
C
D
CLK INH
CLK
GND
VCC
SH/LD
H
QH
G
F
E
CLR
SN54HC166 ...J OR W PACKAGE
SN74HC166 . . . D OR N PACKAGE
(TOP VIEW)
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54HC166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC166 TI-SN54HC166 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC166 TI1-SN54HC166 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC166 TI-SN54HC166 Datasheet
2Mb / 35P
SNx4HC166 8-Bit Parallel-Load Shift Registers
FEBRUARY 2022
SN54HC166-SP TI1-SN54HC166-SP Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54HC166-SP TI-SN54HC166-SP Datasheet
2Mb / 35P
SNx4HC166 8-Bit Parallel-Load Shift Registers
FEBRUARY 2022
More results

Similar Description - SN54HC166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54165 TI-SN54165 Datasheet
199Kb / 13P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com