Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D112E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D112E
Description  Low Cost, 1W SIP Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D112E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D112E Datasheet HTML 1Page - MicroPower Direct, LLC D112E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101E
5
4.5 - 5.5
278
30
5.0
200.0
20.0
15
72
500
D102E
5
4.5 - 5.5
270
30
9.0
111.0
12.0
15
74
500
D103E
5
4.5 - 5.5
260
30
12.0
83.0
9.0
15
77
500
D104E
5
4.5 - 5.5
253
30
15.0
67.0
7.0
15
79
500
D105E
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
D106E
5
4.5 - 5.5
267
30
±9.0
±56.0
±6.0
15
75
500
D107E
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
D108E
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
15
79
500
D111E
12
10.8 - 13.2
114
15
5.0
200.0
20.0
15
73
200
D112E
12
10.8 - 13.2
111
15
9.0
111.0
12.0
15
75
200
D113E
12
10.8 - 13.2
105
15
12.0
83.0
9.0
15
79
200
D114E
12
10.8 - 13.2
104
15
15.0
67.0
7.0
15
80
200
D115E
12
10.8 - 13.2
113
15
±5.0
±100.0
±10.0
15
74
200
D116E
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
15
76
200
D117E
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
D118E
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
15
80
200
D121E
24
21.6 - 26.4
56
8
5.0
200.0
20.0
15
74
100
D122E
24
21.6 - 26.4
55
8
9.0
111.0
12.0
15
76
100
D123E
24
21.6 - 26.4
52
8
12.0
83.0
9.0
15
80
100
D124E
24
21.6 - 26.4
51
8
15.0
67.0
7.0
15
81
100
D125E
24
21.6 - 26.4
56
8
±5.0
±100.0
±10.0
15
74
100
D126E
24
21.6 - 26.4
55
8
±9.0
±56.0
±6.0
15
76
100
D127E
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
D128E
24
21.6 - 26.4
51
8
±15.0
±33.0
±4.0
15
81
100
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
5
No Pin
Common
2
-Vin
-Vin
6
+Vout
+Vout
4
-Vout
-Vout
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However,
when measuring output ripple, it is recommended that an external
ceramic capacitor
be placed from the
+Vout pin to the
-Vout pin for single
output units and
from each output
to common for dual
output units. An in-
put capacitor will enhance stability over temperature and input line
variations. Recommended capacitor values are given in the table above.
For applications requiring very low output noise levels, a simple LC filter
should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30
VDC output. To do this, connect the load across the positive (+Vout) and
negative (-Vout) outputs and float the output common
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Other input/output combinations are available
(i.e. 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com