Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR560SF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SDR560SF
Description  5.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SDR560SF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SDR560SF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SDR560SF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
V
V
A
A
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (I = 5
0
1 0
5
5
Amps,T = 25 C, per leg)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
0.2
10
45
-50
+150
-65
+175
60
60
60
350
0.55
0.65
~
~
10000
SDR560SF
V
mA
pF
Typical Thermal Resistance (Note 2)
Operating
Storage Temperature Range
Temperature Range
C
C
C/W
F
F
Maximum Instantaneous Forward Voltage (I =
Amps,T = 125 C, per leg)
F
F
SYMBOL
o
o
o
RθJA
Voltage Rate Of Chance (Rated VR)
VRRM
VRSM
VDC
IF
IFSM
VF
IR
CJ
dv/dt
TJ
TSTG
V/us
For capacitive load, derate current by 20%.
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 1.7 grams(Approximately)
Any changing of specification will not be informed individual
SDR560SF
VOLTAGE 60V
AMP Schottky Barrier Rectifiers
5.0
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Nov-2007 Rev. B
Page 1 of 2
Dimensions in millimeter
TO-126AF
15.0 0.10
11.0 0.25
0.5 0.10
2.0 0.20
3.20 0.2
0.9 0.1
2.28 0.02
Ref. 0.76
2.28 0.02
4.1 0.15
8.0 0.2
φ 3.05
[Ref.]
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SDR560SF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560SF SECOS-SDR560SF Datasheet
57Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SDR560SF SECOS-SDR560SF_09 Datasheet
57Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SDR560SF SECOS-SDR560SF_15 Datasheet
57Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
More results

Similar Description - SDR560SF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com