Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-45 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # DR-45
Description  Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

DR-45 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  DR-45 Datasheet HTML 1Page - MicroPower Direct, LLC DR-45 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. Output voltage tolerance includes set-up tolerance,
line regulation and load regulation.
2. Ripple & noise is measured using equipment with 20
Mhz of bandwidth. Connection to the unit under test
is made with a 12 inch length of “twisted pair” wires
terminated with a set of 1.0 μF & 4.7 μF capacitors
connected in parallel.
3. Overload protection is foldback current limiting.
The unit recovers automatically when the fault is
removed.
4. Over voltage protection is a shut down type. The
power to the unit must be manually reset to re-
cover.
5. Over temperature protection shuts down the output.
The unit recovers automatically when the tempera-
ture goes down. The thermal detector is mounted on
the heat sink of the power semiconductor.
6. Isolation resistance is given for Input/Output; Input/FG
and Output/FG.
7. To mount the unit to the DIN rail, tilt the unit rear-
wards from the top, fitting the mount over the top
of the rail. Press back on the bottom front of the unit
until it locks in place on the rail. To remove the unit
from the rail, pull the removal clip at the bottom rear
of the unit downward with a screw driver. With the
clip down, lift up on the unit from the bottom front
until it clears the rail. Before installation or removal all
wiring should be disconnected and the main power
to the system shut off.
8. When wiring the supply, all lines should be as thick
and short as possible. AWG 14 wire is recommended
for the DR-45 series.
9. The units should be mounted so they are vertically
orientated. Air flow (if it is provided) would optimally
flow from the bottom to the top of the unit.
10. It is recommended that a fuse be used on the input
of a power supply for protection. See the table
above for the correct rating.
Terminal Connections
Model
Number
Rated
Power
(W)
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(A)
Voltage
(VAC)
Current (A)
Voltage
(VDC)
Current (A)
Max)
Current (A)
Range
Range
115 VAC
230 VAC
DR-45-05
25
85 - 264
1.5
0.75
5
5.0
0 ~ 5.0
72
5.0
DR-45-12
42
85 - 264
1.5
0.75
12
3.5
0 ~ 3.5
77
5.0
DR-45-15
42
85 - 264
1.5
0.75
15
2.8
0 ~ 2.8
77
5.0
DR-45-24
48
85 - 264
1.5
0.75
24
2.0
0 ~ 2.0
80
5.0
Pin
Function
Pin
Function
1
AC/Live (DC-)
6,7
DC Output (+V)
2
AC/Neutral (DC+)
8
LED
3
Frame Ground (FG)
9
+VAdj
4,5
DC Output (-V)
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve - Output Power vs Ambient Temp.
Static Characteristics (24 Vout)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com