Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH6853 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SH6853
Description  Hall Effect Switch IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH6853 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SH6853 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH6853 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SH6853
Single Output
Hall Effect Switch IC
Description
The SH
6853 is an integrated Hall effect switch sensor with output
pull-high resistor driver designed for electronic commutation of
brushless DC motor applications and contactless switches. The
device includes an on-chip Hall voltage generator for magnetic
sensing, a comparator that amplifies the Hall voltage, and a
Schmitt trigger to provide switching hysteresis for noise rejection,
and output driver with pull-high resistor. An internal bandgap
regulator is used to provide temperature compensated supply
voltage for internal circuits and allows a wide operating supply
range. If a magnetic flux density larger than threshold Bop, DO is
turned on (low). The output state is held until a magnetic flux
density reversal falls below Brp causing DO to be turned off (high).
SH
6853 is rated for operation over temperature range from -40 C
to 1
50 C and voltage range from 3.5V to 28V. The devices are
available in low cost die forms or rugged 3 pin SIP packages.
* TTL and MOS ICs Directly Drivable By Output
Features
*
Internal Bandgap Regulator Allows Temperature Compensated
Operations And A Wide Operating Voltage Range
*
Build In Protection Diode For Chip Reverse Power Connecting
* Wide Range Of Supply Voltage: 3.5V to 28V
* High Sensitivity With A Small Magnet
*
Current Limit
Applications
* Rotation Sensors
* Speed Measurement
* Position Sensors
*
Limit Switch
o
o
* Revolution Counting
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Pin Descriptions
REF.
Min.
Max.
REF.
Min.
Max.
A
1.245
1.753
D
3.962
4.216
A1
0.750REF.
E
2.870
3.124
b
0.330
0.432
L
13.60
15.60
b1
0.406
0.508
e
1.27 REF.
Millimeter
Millimeter
Pin# Description
Vcc
P
1
Positive power supply
Vss
P
2
Ground
DO
O
3
Digital output
Name
P/I/O


Similar Part No. - SH6853

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
SH68-68 NI-SH68-68 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-D1 NI-SH68-68-D1 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
SH68-68-D1 NI-SH68-68-D1 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EP NI-SH68-68-EP Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EPM NI-SH68-68-EPM Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
More results

Similar Description - SH6853

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
Hall Effect Switch IC
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
Hall Effect Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
Hall Effect Micro Switch IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
Hall Effect Switch IC
WSH130NL WINSON-WSH130NL_17 Datasheet
180Kb / 4P
Unipolar Hall Effect Switch IC
WSH134 WINSON-WSH134_17 Datasheet
178Kb / 4P
Unipolar Hall Effect Switch IC
logo
Anpec Electronics Corop...
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
Hall Effect Micro Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
Hall Effect Switch IC
2017/4/7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com