Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLLM317 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SLLM317
Description  Positive Adjustable Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLLM317 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SLLM317 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLLM317 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLLM317 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SLLM317 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 4
(T)+1 to
Input-Output Voltage Difference
Load Temperature
Power Dissipation
Storage Temperature Range
Operating Juction Temperature
Parameter
Symbol
Ratings
Unit
V
VIN-VOUT
TLEAD
40
230
0~125
-65~+150
Absolute Maximum Ratings at Ta=25 C
PD
TSTG
TOPR
C
o
C
o
W
o
C
o
2
Electrical Characteristics
(Vi-Vo=5V,0 <Tj<125 ,Io=500mA,IMax=1.5A,PMax=20W,unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
TYP
Max
Unit
Ta=25 , 3V Vi-Vo 40V
-
0.01
0.04
%/V
Line Regulation
Vo
Ta=0~125 , 3V Vi-Vo< ˙0V
-
0.02
0.07
%/V
Ta=25
Vo 6V
-
18
25
mV
10mA Io IMax
Vo ¨V
-
0.4
0.5
%/Vo
Vo ¨V
-
40
70
mV
Load Regulation
Vo
10mA Io IMax
Vo
V
-
0.8
1.5
%/Vo
Adjustable Pin Current
IADJ
-
46
100
A
Adjustable Pin Current Change
IADJ
2.5V Vi-Vo 40V,
10mA Io IMax, PD PMax
-
2.0
5
A
Reference Voltage
VREF
3V Vi-Vo 40V,
10mA Io IMax, PD PMax
1.225
1.25
1.275
V
Temperature Stability
STT
-
0.7
-
%/Vo
Minimum Load Current for Regulation
IL(Min)
Vi-Vo=40V
-
3.5
10
mA
Vi-Vo 15V, PD PMax
1.5
2.2
-
Maximum Output Current
Io(Max)
Vi-Vo 15V, PD PMax Ta=25
0.15
0.4
-
A
RMS Noise v.s. % of Vout
eN
Ta=25 , 10Hz f 10KHz
-
0.003
0.01
%/Vo
Vo=10V, f=120Hz
-
60
-
Ripple Rejection
RR
Vo=10V, f=120Hz, Cadj=10 F
66
75
-
dB
Long-term Stability, Tj=Thigh
ST
Ta=25 ,1000hr
-
0.3
1
%
Junction to Case Thermal Resistance
R jc
-
-
15
-
/W
*Note: Testing with low duty pulse should be used to avoid heating effect.
SLLM317
3-Terminal 1.5A
Positive Adjustable Voltage Regulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com