Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLLM317L Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SLLM317L
Description  Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SLLM317L Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SLLM317L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SLLM317L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SLLM317L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
01-Jun-2002 Rev. A
Page
3 of 3
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SLLM317L
100mA Adjustable
Voltage Regulator
Application Information and Circuits
The SLLM317L provides an internal reference voltage of 1.25V between the output and adjustments terminals.
This is used to set a constant current flow across an external resistor driver, giving an output voltage VOUT of:
VOUT = VREF * (1 + R2 / R1) + IADJ * R2
The device is designed to minimize the term IADJ (100uA max) and to maintain it very constant with line and load
charges. Usually, the error term IADJ*R2 can be neglected. To obtain the previous requirement, all the regulator
quiescent current is returned to the output terminal, imposing a minimum load current condition. If the load is
insufficient, the output voltage will rise. The SLLM317L is a floating regulator, input-output differential voltage,
supplies of very high voltage with respect to ground can be regulated as long as the maximum input-output
differential is not exceeded. Furthermore, programmable regulators are easily obtainable and, by connecting a
fixed resistor between the adjustment and output, the device can be used as a precision current regulator.
Fig 1. Basic Adjustable Regulator
Fig 2. Voltage Regulator with
Protection Diodes
Fig 3. Slow Turn-On 15V Regulator
Fig 4. 5V Electronic Shut-Down
Regulator S
S
LLM317L
S
LLM317L
S
LLM317L
S
LLM317L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com