Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC374 Datasheet(PDF) 4 Page - Texas Instruments

Part # HC374
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC374 Datasheet(HTML) 4 Page - Texas Instruments

  HC374 Datasheet HTML 1Page - Texas Instruments HC374 Datasheet HTML 2Page - Texas Instruments HC374 Datasheet HTML 3Page - Texas Instruments HC374 Datasheet HTML 4Page - Texas Instruments HC374 Datasheet HTML 5Page - Texas Instruments HC374 Datasheet HTML 6Page - Texas Instruments HC374 Datasheet HTML 7Page - Texas Instruments HC374 Datasheet HTML 8Page - Texas Instruments HC374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54HC374, SN74HC374
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS141D – DECEMBER 1982 – REVISED DECEMBER 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
V
TA = 25°C
SN54HC374
SN74HC374
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
5
fclock
Clock frequency
4.5 V
30
20
24
MHz
fclock
Clock frequency
6 V
35
24
28
MHz
2 V
80
120
100
tw
Pulse duration, CLK high or low
4.5 V
16
24
20
ns
tw
Pulse duration, CLK high or low
6 V
14
20
17
ns
2 V
100
150
125
tsu
Setup time, data before CLK
↑
4.5 V
20
30
25
ns
tsu
Setu time, data before CLK
↑
6 V
17
25
21
ns
2 V
10
13
12
th
Hold time, data after CLK
↑
4.5 V
5
5
5
ns
h
,
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
V
TA = 25°C
SN54HC374
SN74HC374
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
12
4
5
fmax
4.5 V
30
60
20
24
MHz
fmax
6 V
35
70
24
28
MHz
2 V
63
180
270
225
tpd
CLK
Any Q
4.5 V
17
36
54
45
ns
t d
CLK
Any Q
6 V
15
31
46
38
ns
2 V
60
150
225
190
ten
OE
Any Q
4.5 V
16
30
45
38
ns
ten
OE
Any Q
6 V
14
26
38
32
ns
2 V
36
150
225
190
tdis
OE
Any Q
4.5 V
17
30
45
38
ns
tdis
OE
Any Q
6 V
16
26
38
32
ns
2 V
28
60
90
75
tt
Any Q
4.5 V
8
12
18
15
ns
t
yQ
6 V
6
10
15
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com