Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS22AAP Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FS22AAP
Description  Miniature Slides for High Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FS22AAP Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  FS22AAP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FS22AAP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FS22AAP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides for High Frequency
Series FS
General Specifications
Distinctive Characteristics
For high frequency (DC through 1GHz): Isolation 40dB minimum at 1GHz.
Insertion loss 0.5dB maximum at 1GHz.
Impedance 75 ohms
Innovative alternative to relay products
Highly reliable, self-cleaning twin contact mechanism with gold plating
Long total travel of .138” (3.5mm) for highly visible actuator position
Distinct audible and tactile feedback during actuation
Suited to high frequency applications (90MHz to 1GHz) such as CATV and
communication equipment
Actual Size
with Tall Actuator
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
RF Ratings
Impedance:
75 ohms
Insertion Loss:
0.5dB maximum @ 1GHz
Isolation:
40dB minimum @ 1GHz
Other Ratings
Contact Resistance:
200 milliohms maximum
Insulation Resistance:
250 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
1,000 operations minimum
Electrical Life:
1,000 operations minimum
Contact Timing:
Nonshorting (break-before-make)
Total Travel:
.138” (3.5mm)
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 5 minutes; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp:
Wave Soldering: See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.


Similar Part No. - FS22AAP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS22 GOOD-ARK-FS22 Datasheet
358Kb / 4P
Surface Mount Schottky Rectifier
logo
Feeling Technology Corp...
FS220 FEELING-FS220 Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-A FEELING-FS220LF-A Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-B FEELING-FS220LF-B Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-C FEELING-FS220LF-C Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
More results

Similar Description - FS22AAP

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
Subminiature Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
logo
Meder Electronic
LP12-1A66-80V MEDER-LP12-1A66-80V Datasheet
471Kb / 3P
Miniature Reed Relays for High Frequency Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com