Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM62FP Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM62FP
Description  Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM62FP Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM62FP Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SM62FP Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SM62FP
CMOS Positive
Voltage Regulator
* Low Power Consumption: Typ.
2uA@VOUT=5V
Features
*
Small Input-Output Differential:IOUT=1
00mA@VOUT=5V with a 0.12V differential
*
Highly Accruate: Output Voltage
2%
* Output Voltage Range:
1.5V~6V in 0.1V increments
* Input Stability: Typ. 0.2%/V
* Output Voltage Temperature Characteristics: Typ. 100ppm/ C
* Max. Output Current:
250mA (Within Max. Power Dissipation, VOUT=5V)
* Palmtops
Applications
*
Reference Voltage Souce
* Battery Powered Equipment
*
Portable Cameras And Video Recorders
The SM62FP series is a group of positive voltage output,
three-pin regulators, that provide a high current even when
the input/output voltage differential is small. Low power
consumption and high accuracy is achieved through CMOS
and laser trimming technologies. The SM62FP consists of
a high-precision voltage reference, an error amplification
circuit, and a current limited output driver. Transient response
to load variations have improved in comparison to the
existing series.
Description
o
Typical Application Circuit
Block Diagram
01-Jun-2002 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
±
±
SOT-89
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Millimeter


Similar Part No. - SM62FP

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM62 MIC-SM62 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
Voltage Regula tor
SM620D SECOS-SM620D Datasheet
295Kb / 2P
6.0AMP Surface Mount Schottky Barrier Rectifiers
SM620D SECOS-SM620D_15 Datasheet
272Kb / 2P
6.0Amp. Schottky Barrier Rectifiers
logo
Silicon Motion Technolo...
SM621 SILICONMOTION-SM621 Datasheet
2Mb / 2P
Single-Chip SSD
202106
More results

Similar Description - SM62FP

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
S2113 SECOS-S2113 Datasheet
638Kb / 5P
CMOS Positive Voltage Regula tor
SM2113 SECOS-SM2113 Datasheet
634Kb / 5P
Voltage Regula tor
SM2116 SECOS-SM2116 Datasheet
587Kb / 4P
Voltage Regula tor
SM2123 SECOS-SM2123 Datasheet
660Kb / 5P
Voltage Regula tor
SM6201 SECOS-SM6201 Datasheet
1Mb / 8P
Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com