Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA05 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MPSA05
Description  NPN Silicon Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MPSA05 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MPSA05 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 25/05/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SB772T
PNP SILICON EPITAXIAL POWER TRANSISTOR
These devices are intended for use in audio
frequency power amplifier and low speed switching
applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
40
V
Collector Emitter Voltage
-VCEO
30
V
Emitter Base Voltage
-VEBO
5
V
Collector Current - DC
Collector Current - Pulse
1)
-IC
-IC
3
7
A
A
Base Current - DC
-IB
0.6
A
Total Power Dissipation @ TC = 25 OC
PD
10
W
Total Power Dissipation @ TA = 25 OC
PD
1.0
W
Operating and Storage Junction Temperature Range
TJ, Ts
- 65 to + 150
O
C
1) PW=10ms, Duty Cycle ≤ 50%
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 2 V, -IC = 20 mA
at -VCE = 2 V, -IC = 1 A
R
Q
P
E
hFE
hFE
hFE
hFE
hFE
30
60
100
160
200
-
-
-
-
-
-
120
200
320
400
-
-
-
-
-
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
30
-
-
V
Collector Base Breakdown Voltage
at -IC = 1 mA
-V(BR)CBO
40
-
-
V
Emitter Base Breakdown Voltage
at -IE = 1 mA
-V(BR)EBO
5
-
-
V
Collector Cutoff Current
at -VCB = 30 V
-ICBO
-
-
1
µA
Emitter Cutoff Current
at -VEB = 3 V
-IEBO
-
-
1
µA
Collector Emitter Saturation Voltage
at -IC = 2 A, -IB = 200 mA
-VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at -IC = 2 A, -IB = 200 mA
-VBE(sat)
-
-
2
V
Output Capacitance
at -VCB = 10 V, f = 1 MHz
CO
-
55
-
pF
Current Gain Bandwidth Product
at -IC = 100 mA, -VCE = 5 V
fT
-
80
-
MHz
E
B
C
TO-126 Plastic Package


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
MPSA05 FAIRCHILD-MPSA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA05 KEC-MPSA05 Datasheet
58Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com