Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G100R Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G100R
Description  Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G100R Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G100R Datasheet HTML 1Page - MicroPower Direct, LLC G100R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G101R
5
4.5 - 5.5
213
28
3.3
200.0
20.0
62
500
G102R
5
4.5 - 5.5
317
28
5.0
200.0
20.0
63
500
G103R
5
4.5 - 5.5
312
26
9.0
111.0
11.0
64
500
G104R
5
4.5 - 5.5
312
26
12.0
83.0
9.0
64
500
G105R
5
4.5 - 5.5
312
38
15.0
66.0
7.0
66
500
G111R
12
10.8 - 13.2
91
16
3.3
200.0
20.0
61
200
G112R
12
10.8 - 13.2
130
16
5.0
200.0
20.0
64
200
G113R
12
10.8 - 13.2
130
16
9.0
111.0
11.0
64
200
G114R
12
10.8 - 13.2
130
16
12.0
83.0
9.0
64
200
G115R
12
10.8 - 13.2
130
16
15.0
66.0
7.0
64
200
G121R
24
21.6 - 26.4
43
7
3.3
200.0
20.0
63
100
G122R
24
21.6 - 26.4
64
7
5.0
200.0
20.0
65
100
G123R
24
21.6 - 26.4
65
9
9.0
111.0
11.0
64
100
G124R
24
21.6 - 26.4
65
9
12.0
83.0
9.0
64
100
G125R
24
21.6 - 26.4
65
9
15.0
66.0
7.0
64
100
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Single
1-Vin
7NC
9+Vout
11
-Vout
14
+Vin
NC = No Connection
Pin Connections
µF Max
33
Capacitive Load
Model Selection Guide
Derating Curve
Ambient Temperature 1C
85
-40
-20
0
5
15
25
35
45
55
65
75
95
105
0
20
40
60
80
100
0.80 (20.32)
11
9
1
14
0.10
(2.54)
0.60 (15.24)
0.10
(2.54)
0.01
(0.25)
0.01
(0.25)
0.40
(10.2)
0.12
(3.05)
0.05
(1.25)
Bottom
Side
7
0.27
(6.85)
Notes:
1. These units do not require
external comonents to oper-
ate, but the use of an input
capacitor (10 µF) may en-
hance performance in some
applications. An output cap-
acitor (4.7 µF to 10 µF) may
be used to reduce ripple.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com