Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM560C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM560C
Description  5.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM560C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM560C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM560C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM520C THRU SM5100C
VOLTAGE 20V ~ 100V
5.0AMP Surface Mount Schottky Barrier Rectifiers
DO-214AB ( SMC )
.320(8.13)
.305(7.75)
.280(7.11)
.260(6.60)
.012(0.31)
.006(0.15)
.124(3.15)
.108(2.75)
.103(2.62)
.079(2.00)
.050(1.27)
.030(0.76)
.245(6.22)
.220(5.59)
.008
(.203)
MAX.
Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
. RoHS Compliant Product
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position:Any
. Weight: 1.10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltage
SM520C
20
20
20
SM540C
40
40
40
V
See Fig. 1
5.0
A
(JEDEC method)
125
A
Maximum Instantaneous Forward Voltage at 5.0A
V
Maximum DC Reverse Current Ta=25
SM560C
60
60
60
0.65
0.1
15
At Rated DC Blocking Voltage Ta=100
0.55
0.2
30
SM5100C
100
100
100
0.83
0.05
7.5
mA
UNITS
C
o
Maximum Average Forward Rectified Current,
Peak Forward Surge Current, 8.3 ms single half
Sine-wave superimposed on rated load
Typical Junction Capacitance (Note 1)
380
pF
Typical Thermal Resistance R JC (Note 2)
10
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5”(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM560C

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM560C UNIOHM-SM560C Datasheet
66Kb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM560C TAYCHIPST-SM560C Datasheet
4Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM560C LRC-SM560C Datasheet
193Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM560C AITSEMI-SM560C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
More results

Similar Description - SM560C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM520B SECOS-SM520B Datasheet
292Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
SM540DS SECOS-SM540DS Datasheet
291Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM5150D SECOS-SM5150D Datasheet
144Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
5.0AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SK52B CHENG-YI-SK52B Datasheet
291Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52C CHENG-YI-SK52C Datasheet
287Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM520B FS-SM520B Datasheet
232Kb / 4P
SM520B 5.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com