Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2114 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2114
Description  5Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2114 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SM2114 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2114 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM2114 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM2114 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM2114 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SM2114-13
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
SM2114-18
SM2114-20
SM2114-27
SM2114-29
SM2114-31
SM2114-34
SM2114-36
SM2114-38
4P132
1.3V
1.8V
2.0V
2.7V
2.9V
3.1V
3.4V
3.6V
3.8V
SM2114-15
SM2114-19
SM2114-25
SM2114-28
SM2114-30
SM2114-33
SM2114-35
SM2114-37
1.5V
1.9V
2.5V
2.8V
3.0V
3.3V
3.5V
3.7V
XXXX
4P182
XXXX
4P202
XXXX
4P272
XXXX
4P292
XXXX
4P312
XXXX
4P342
XXXX
4P362
XXXX
4P382
XXXX
4P152
XXXX
4P192
XXXX
4P252
XXXX
4P282
XXXX
4P302
XXXX
4P332
XXXX
4P352
XXXX
4P372
XXXX
SM2114-50
5.0V
4P502
XXXX
Characteristics Curve
Ordering Information(contd.)
SM2114
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com