Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BC856
Description  PNP Silicon General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BC856 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BC856 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BC856 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BC856 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 21/06/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC856…BC858
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 5 V, -IC = 2 mA
BC856A, BC857A, BC858A
BC856B, BC857B, BC858B
BC857C, BC858C
hFE
hFE
hFE
125
220
420
250
475
800
-
-
-
Collector Emitter Saturation Voltage
at -IC = 10 mA, -IB = 0.5 mA
at -IC = 100 mA, -IB = 5 mA
-VCE(sat)
-VCE(sat)
-
-
0.3
0.65
V
V
Base Emitter On Voltage
at -IC = 2 mA, -VCE = 5 V
at -IC = 10 mA, -VCE = 5 V
-VBE(on)
-VBE(on)
0.6
-
0.75
0.82
V
V
Collector Cutoff Current
at -VCB = 30 V
at -VCB = 30 V, TA = 150 OC
-ICBO
-ICBO
-
-
15
4
nA
µA
Collector Emitter Breakdown Voltage
at -IC = 10 µA
BC856 Series
BC857 Series
BC858 Series
-V(BR)CES
-V(BR)CES
-V(BR)CES
80
50
30
-
-
-
V
V
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
BC856 Series
BC857 Series
BC858 Series
-V(BR)CEO
-V(BR)CEO
-V(BR)CEO
65
45
30
-
-
-
V
V
V
Collector Base Breakdown Voltage
at -IC = 10 µA
BC856 Series
BC857 Series
BC858 Series
-V(BR)CBO
-V(BR)CBO
-V(BR)CBO
80
50
30
-
-
-
V
V
V
Emitter Base Breakdown Voltage
at -IE = 1 µA
BC856 Series
BC857 Series
BC858 Series
-V(BR)EBO
-V(BR)EBO
-V(BR)EBO
5
5
5
-
-
-
V
V
V
Current Gain Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 100 MHz
fT
100
-
MHz
Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
4.5
pF
Noise Figure
at -IC = 0.2 mA, -VCE = 5 V, RS = 2 KΩ,tf = 1 KHz, BW = 200 Hz
NF
-
10
dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com