Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTSC2787 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # MMBTSC2787
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTSC2787 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  MMBTSC2787 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTSC2787 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMBTSC2787 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. MMBTSC2787 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. MMBTSC2787 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBTSC2787
-10 -20
-100
-1
-0.1
I E, mA
Gain bandwidth product
vs. emitter current
100
20
10
50
500
200
1000
VCE= 6V
10
0.2
0
0.1
0.2
0.5
1
2
5
0.8
VBE,V
0.6
0.4
11.2
Collector current vs.
base emitter voltage
50
20
VCE=6V
10
0.5
0.1 0.2
5
12
I C, mA
20
10
100
DC CURRENT GAIN vs.
COLLECTOR CURRENT
50
20
100
200
VCE= 6V
DC current gain vs.
collector emitter voltage
10
VCE, V
50
1
10
20
2
5
200
100
500
20
50
IC=1mA
In free air
Total power dissipation vs.
ambient temperature
125
Ambient temperature ( C)
300
0
25
50
75
100
150
100
50
250
200
350
150
Collector current vs.
collector emitter voltage
10
0
4
4
2
8
6
16
VCE (V)
8
12
20
50
IB=10 A
30
40
20
70
60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com