Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF152ES Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LF152ES
Description  Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF152ES Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LF152ES Datasheet HTML 1Page - MicroPower Direct, LLC LF152ES Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LF100ES
Lowest Cost, Single Output
1W Ultra-Miniature SMT
DC/DC Converters
Series
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
3.3 VDC Input
3.0
3.3
3.6
VDC
5 VDC Input
4.5
5.0
5.5
12 VDC Input
10.8
12.0
13.2
Reverse Polarity Input Current
1.0
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation, 3.3V Output
For Vin Change of 1%
±1.5
%
Line Regulation, All Other Outputs
For Vin Change of 1%
±1.2
%
Load Regulation
See Model Selection Guide
Ripple & Noise (20 MHz)
50
100
mV P - P
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
70
pF
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.50 x 0.29 x 0.24 Inches (12.7 x 7.5 x 6.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Safety Standards
UL 1950, EN 60950, IEC 60950
Safety Approvals
UL, cUL; File No. E245422
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
3.3 VDC Input
-0.7
7.0
VDC
5 VDC Input
-0.7
7.0
12 VDC Input
-0.7
15.0
Lead Temperature
1.5 mm From Case For 10 Sec
260.0
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
• 1W Output Power
• Ultra-Miniature SMT Case
• UL Approved (File E245422)
• Single Output
• Low 0.246” Profile
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 3.3V, 5V, & 12V Inputs
• LOWEST COST!


Similar Part No. - LF152ES

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF152ESI MPD-LF152ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
More results

Similar Description - LF152ES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
E100E MPD-E100E Datasheet
230Kb / 2P
Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ED MPD-LF100ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
LF100ESI MPD-LF100ESI Datasheet
288Kb / 2P
Low Cost, Single Output 1W High Isolation SMT DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
Ultra-Miniature, 2W Single Output SMT DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
2W, Single Output Ultra-Miniature SMT DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com