Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF153ES Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF153ES
Description  Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF153ES Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF153ES Datasheet HTML 1Page - MicroPower Direct, LLC LF153ES Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF101ES
5
4.5 - 5.5
260
30
5.0
200.0
20.0
15.0
77
500
LF102ES
5
4.5 - 5.5
263
30
9.0
111.0
23.0
9.0
76
500
LF103ES
5
4.5 - 5.5
253
30
12.0
84.0
17.0
7.5
79
500
LF104ES
5
4.5 - 5.5
256
30
15.0
67.0
13.0
7.0
78
500
LF109ES
5
4.5 - 5.5
277
30
3.3
300.0
30.0
15.0
72
500
LF111ES
12
10.8 - 13.2
121
15
5.0
200.0
20.0
15.0
69
200
LF112ES
12
10.8 - 13.2
114
15
9.0
111.0
23.0
9.0
73
200
LF113ES
12
10.8 - 13.2
114
15
12.0
84.0
17.0
7.5
73
200
LF114ES
12
10.8 - 13.2
113
15
15.0
67.0
13.0
7.0
74
200
LF151ES
3.3
3.0 - 3.6
409
55
5.0
200.0
20.0
15.0
74
750
LF152ES
3.3
3.0 - 3.6
446
55
9.0
111.0
23.0
9.0
68
750
LF153ES
3.3
3.0 - 3.6
433
55
12.0
84.0
17.0
7.5
70
750
LF159ES
3.3
3.0 - 3.6
415
55
3.3
300.0
30.0
15.0
73
750
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33
µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin.
3. During operation, care must be taken not to exceed the specified input range of the unit
or to allow the output load to drop below the specified minimum (10% of full load).
Operating the unit under either of these conditions could cause damage to the unit.
4. These converters are specified for operation without external components. However,
in some applications the addition of input/output capacitors will enhance stability and
reduce output ripple. Recommended capacitor values are:
Vin
Input
Capacitor
Vout
Output
Capacitor
3.3 VDC
4.7
µF
3.3 VDC
10.0
µF
5 VDC
4.7
µF
5 VDC
10.0
µF
12 VDC
2.2
µF
9 VDC
4.7
µF
12 VDC
2.2
µF
15 VDC
1.0
µF
For applications requiring very low output noise levels,
a simple LC filter should be effective.
5. It is recommended that a fuse be used on the input of
a power supply for protection. See the Model Selection
table above for the correct rating.
Other input/output combinations are available (i.e. 24 VDC Input).
Contact the factory for details at: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Pin
Description
Pin
Description
1
-Vin
5
+Vout
2+Vin
6
NC
3NC
7
NC
4
-Vout
8
NC
NC = No Connection
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Recommended Solder Profile
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com