Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF201ES Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF201ES
Description  Low Cost, 2W SMT Single Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF201ES Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF201ES Datasheet HTML 1Page - MicroPower Direct, LLC LF201ES Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Board Layout
Recommended Solder Profile
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF201ES
5
4.5 - 5.5
494
30
5.0
400.0
40.0
81
500
LF202ES
5
4.5 - 5.5
487
30
9.0
222.0
23.0
82
500
LF203ES
5
4.5 - 5.5
477
30
12.0
167.0
17.0
84
500
LF204ES
5
4.5 - 5.5
475
30
15.0
133.0
14.0
84
500
LF211ES
12
10.8 - 13.2
203
15
5.0
400.0
40.0
82
200
LF212ES
12
10.8 - 13.2
201
15
9.0
222.0
23.0
83
200
LF213ES
12
10.8 - 13.2
197
15
12.0
167.0
17.0
85
200
LF214ES
12
10.8 - 13.2
196
15
15.0
133.0
14.0
85
200
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33 µF ceramic capacitor be
placed from the +Vout pin to the -Vout pin.
3. During operation, care must be taken not to exceed the specified input range of the unit or to allow
the output load to drop below the specified minimum (10% of full load). Operating the unit under
either of these conditions could cause damage to the unit.
4. These converters are specified for operation without external components. However, in some ap-
plications the addition of input/output capacitors will enhance stability and reduce output ripple.
Recommended capacitor values are:
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7 µF
5 VDC
4.7 µF
12 VDC
2.2 µF
9 VDC
2.2 µF
12 VDC
1.0 µF
15 VDC
0.47 µF
For applications requiring very low output noise
levels, a simple LC filter should be effective.
5. It is recommended that a fuse be used on the
input of a power supply for protection. See the
Model Selection table above for the correct rating.
Pin Connections
Pin
Function
Pin
Function
1-Vin
8
NC
2+Vin
9
NC
3NC
10
NC
5NC
12
NC
6
-Vout
13
NC
7
+Vout
14
NC
NC = No Connection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com