Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF200S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LF200S
Description  Ultra-Miniature, 2W Single Output SMT DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF200S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LF200S Datasheet HTML 1Page - MicroPower Direct, LLC LF200S Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. Load regulation is measured for an output change of 20% to
100%.
2. When measuring output ripple, it is recommended that an external
0.33 μF ceramic capacitor be placed from the +Vout pin to the -Vout
pin. For noise sensitive applications, the use of 1.5 μF capacitors
will reduce the output ripple.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect the
stability of the converter. In applications where the converter output
loading is high and input power is supplied over long lines, it may
be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a
2.2 μF is recommended, for 12V input units, a 1.0 μF and for 24V
input models, a 0.47 μF.
5. It is recommended that a fuse be used on the input of a power
supply for protection. See the table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
LF201S
5
4.5 - 5.5
519
60
5.0
400.0
8.0
11
77
1,000
LF202S
5
4.5 - 5.5
488
60
12.0
165.0
3.0
11
81
1,000
LF211S
12
10.8 - 13.2
213
30
5.0
400.0
8.0
8
78
500
LF212S
12
10.8 - 13.2
201
30
12.0
165.0
3.0
5
82
500
LF221S
24
21.6 - 26.4
106
15
5.0
400.0
8.0
8
78
200
LF222S
24
21.6 - 26.4
101
15
12.0
165.0
3.0
5
81
200
Pin
Description
1-Vin
2+Vin
3
No Pin
4
-Vout
5
+Vout
6
No Pin
7
No Pin
8NA
NA = Not for electrical
connection
Pin Connections
Board Layout
Output
5 VDC
12 VDC
μF Max
47 μF
10 μF
Capacitive Load
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com