Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA150 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPA150
Description  Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA150 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPA150 Datasheet HTML 1Page - MicroPower Direct, LLC MPA150 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions: U-Chassis (U Suffix)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model
Number
Output Voltage
Max. Output Current (Note 5,6,7)
Ripple &
Noise
Efficiency
(Note 7)
Factory
PreSet
Range
16 CFM
(U/w Air, F)
Convection
(U)
Min.
MPA150x-03z 3.3 VDC
3.0 - 4.0 VDC
30.00A
20.00A
0.0A
50 mV p-p
70%
MPA150x-05z
5 VDC
5.0 - 6.0 VDC
30.00A
20.00A
0.0A
50 mV p-p
75%
MPA150x-12z
12 VDC
12.0 - 16.0 VDC
12.50A
8.33A
0.0A
±1% p-p
80%
MPA150x-18z
18 VDC
17.0 - 23.0 VDC
8.33A
5.55A
0.0A
±1% p-p
83%
MPA150x-24z
24 VDC
24.0 - 30.0 VDC
6.25A
4.16A
0.0A
±1% p-p
83%
MPA150x-48z
48 VDC
35.0 - 56.0 VDC
3.12A
2.08A
0.0A
±1% p-p
83%
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Measurement connection to the
unit is made with a 0.1 µF ceramic capacitor & a 22 µF electrolytic capacitor con-
nected in parallel.
3. Transient recovery is measured to within a 1% error band for a load step change of
50% to 100%.
4. Isolation specifications are production HI-Pot tested for 3 seconds.
5. The full output range (see table above) is covered in the safety
agency certification. Standard models are factory set to the
“Preset” voltage.This may be set to other levels within the range
without affecting the agency certification. For more information,
contact the factory.
6. Units will provide peak power of 600W for 500 µS. For units
capable of longer durations, contact the factory.
7. A 1% minimum load is required to maintain regulation and ripple
specifications.
U-Chassis Cover (C Suffix)
U-Chassis Alternate Cover (B Suffix)
U-Chassis Cover/W Fan (F Suffix)
Input Connector CN3:
Mating Molex Part No. 09-91-0500 (5 pin, 3 used) or Howder
Terminal Block No. HD-603-3P (3-pin) or equivalent.
Output Connector CN2:
Mating Molex Part No.09-91-0600 (6 pin) or HowderTerminal
Block No. HD-601-4P (4-pin) or equivalent.
Output Pin Assignment:
Howder
Molex
Pins 1 ~ 2: V+
Pins 1 ~ 3: V+
Pins 3 ~ 4: V-
Pins 4 ~ 6: V-
Logic Signal Connector CN1:
Mating JST XHP-3 or equivalent (CHYAO SHIUNN
JS-2001-03).
Fan driver connector (FAN):
12 VDC / 300 mA is available to drive an external fan. Mating
JST XHP-2 or equivalent (CHYAO SHIUNN JS-2001-02).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com