Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JB15BPC-JC Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15BPC-JC
Description  Low Profile Process Sealed Tactiles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15BPC-JC Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15BPC-JC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-JC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-JC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-JC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-JC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15BPC-JC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
SNAP-ON CAPS
AT4060 Flat
Lens/Diffuser
Color Codes:
Material: Polycarbonate
Lens Finish: Glossy
JB
JC
JE
JF
Clear/Translucent White
Clear/Red
Clear/Yellow
Clear/Green
BB
BC
BE
BF
White/White
White/Red
White/Yellow
White/Green
White/Gray
BH
Framed:
AT4076 Button with Frame
Translucent Button/Frame
Color Codes:
Material: Polycarbonate
Button Finish: Frosted
(6.3)
.248
(12.0) Sq
.472
Transparent
Clear Lens
Translucent White or
Colored Diffuser
White Frame
Opaque White or
Colored Frame
Translucent
Clear Button
Translucent
White Filter
(6.3)
.248
(12.3) Sq
.484
TYPICAL SWITCH DIMENSIONS
Flat Snap-on Cap
Framed Snap-on Cap
JB15LPC-JC
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15HBPC-BC
Spring action terminals conform to .100” (2.54mm) PCB spacing
Short
Actuator
Extended
Actuator
Short
Actuator
Extended
Actuator
(8.5)
.335
(12.0) Sq
.472
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(6.3)
.248
(7.0)
.276
(12.3) Sq
.484
(10.0)
.394
(10.0)
.394
(11.5)
.453
(3.1)
.122
(0.3) Typ
.012
(6.3)
.248
(7.3)
.287
(7.4)
.291
(0.4)
.016
(6.3)
.248
(7.0)
.276
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
(6.3)
.248
(11.5)
.453
(0.3) Typ
.012
(3.1)
.122
(7.3)
.287
(7.4)
.291
(0.4)
.016
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
AT4135 Flat
Cap Color Codes:
Material: Polycarbonate
Finish: Frosted
(7.3)
.287
(12.0) Sq
.472
Translucent White
Red
Yellow
Green
B
C
E
F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com