Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP840S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP840S
Description  8.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP840S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP840S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP840S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SP820S THRU SP8100S
VOLTAGE 20V ~ 100V
8.0AMP Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
8.0
150
5.0
50
3.5
V
V
A
A
V
mA
mA
pF
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
UNITS
V
Typical Thermal Resistance RqJC (Note 2)
0.
55
0.70
0.80
700
460
14
32
48
64
80
20
40
60
80
1000
20
40
60
80
100
S
P820S
S
P840S
S
P860S
S
P880S SP8100S
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
-5
0
+125
-65
+150
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2005 Rev. B
Page 1 of 2
θ
2.8 0.3
4.5 0.2
0.5 0.2
2.6 0.2
2.54 0.2
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SP840S

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP840 WILLAS-SP840 Datasheet
623Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
SP8400KG ZARLINK-SP8400KG Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP8400KGMPES MITEL-SP8400KGMPES Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
More results

Similar Description - SP840S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR820E SECOS-SR820E Datasheet
212Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR820E SECOS-SR820E_08 Datasheet
267Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E_11 Datasheet
165Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S8GBU20 SECOS-S8GBU20_15 Datasheet
225Kb / 2P
8.0Amp Glass Passivited Bridge Rectifiers
SR820E SECOS-SR820E_15 Datasheet
267Kb / 2P
8.0AMP Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E_15 Datasheet
165Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR820-TO220AC YFWDIODE-SR820-TO220AC Datasheet
269Kb / 2P
8.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S8GBU20-C SECOS-S8GBU20-C Datasheet
225Kb / 2P
8.0Amp Glass Passivited Bridge Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com