Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2153 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SQ2153
Description  CMOS Positive Voltage Regula tor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SQ2153 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SQ2153 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SQ2153 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC
ISC
PSRR
eN
150
300
4
Note
V
_
_
_
_
_
_
_
_
_
_
_
Input Voltage
Over Temperature Shutdown
Over Temperature Hystersis
Output Voltage
Temperature Coefficient
Short Circuit Current
Output Voltage Noise
VIN
OTS
OTH
3
7
30
30
150
60
50
20
30
_
_
_
_
_
C
o
C
o
ppm/
mA
dB
uVrms
C
o
VIN=VOUT(T)+1V,VOUT<0.8V
f=100Hz
f=1kHz
f=10kHz
Co=2.2uF
Io=100mA
Co=2.2uF
f=10Hz~100kHz
Io=10mA
-0.4
0.2
0.4
4.0V<V (T)
OUT
REGLINE
Line Regulation
I
30
0.02
-0.2
0.1
A
%
V =V (T)+1V,Io=0mA
_
_
50
-0.15
-0.1
0.2
0.15
Io=1mA
VIN=VOUT(T)+1
to
VOUT(T)+2
1.2V VOUT(T) 1.4V
1.4V<VOUT(T) 2.0V
2.0V<VOUT(T)<4.0V
Power Supply Rejection
VEH
IEH
ISD
0.1
_
_
_
_
_
_
Ground Pin Current
EN Input Threshold
IGND
35
2
0
0.5
0.5
0
1
0.4
_
_
uA
uA
V
V
VEN=VIN,VIN=2.7V
VIN=5V,Vo=0V,VEN<VEL
Io=0.4mA,VEN<VEL
Shutdown Supply Current
VIN=VOUT(T)+2V,Io=1mA~300mA
VEL
_
VIN
0.4
VIN=2.7V to 7V
EN Input Bias Current
IEL
_
to 7V
VEN=0V,VIN=2.7V to 7V
Shutdown Output Voltage
Vo,SD
uA
Quiescent Current
Q
1
1300
u
IN
OUT
_
2.8V<V (T)
Vo=V
%
mV
_
_
_
_
400
300
OUT
OUT
Parameter
Symbol
Max.
Typ.
Condition
Min.
Unit
Output Voltage
Output Current
Current Limit
Dropout Voltage
VOUT
Io
ILIM
VDROPOUT
-1.5%
300
300
-1
V
mA
Vo>1.2V
VIN=VOUT(T)+2V,1o=1mA
VIN=VOUT(T)+2V,VOUT
_
_
_
_
VOUT(T)
2.0V
2.0V VOUT(T) 2.8V
1
≥
VOUT(E)*0.96
(E)
VOUT
2
(E)
1.5%
450
mA
Load Regulation
REGLOAD
0.2
VIN=VOUT(T)+2V,Io=1mA to300mA
1.2V
_
Io=300mA
(E)-2%
<
-2.5%
2.5%
VIN=VOUT(T)+2V,1o=300mA
VIN=VOUT(T)+2V,
Electrical Characteristics Ta=25
unless otherwise noted
oC
http://www.SeCoSGmbH.com/
oC)
Power Dissipation (
Input Voltage
Output Current
Output Voltage
Operating Ambient Temperature
Junction Temperature
Parameter
Symbol
Ratings
Unit
V
mA
V
C
mW
VIN
IOUT
Tj Max.
8
PD/(VIN-VO)
-40~+125
1.5~3.8
-40~+85
380
o
Max. Junction Temperature
T=100
EDS Classification
VOUT
Topr
Tj
PD
150
B
C
o
C
o
Absolute Maximum Ratings
SQ2153
CMOS Positive
Voltage Regulator
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 7
≤
≤
≤
≤
≤
≤



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com