Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML74WL02 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML74WL02
Description  Dual 2-input NOR Gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML74WL02 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML74WL02 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML74WL02 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML74WL02 Datasheet HTML 3Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. B, Sep 2005
CMOS Logic Dual 2-input NOR Gate
Operating Voltage Range : 2V ~ 5.5V
High Speed Operation
: tpd = 2.65ns TYP
Low Power Consumption : 1µ
µ
µ
µA (max)
MSOP-8A Package
■Applications
Palmtops
Digital Equipment
■
Description
ML74WL02SRG is Dual 2-input NOR Gate manufactured using
silicon gate CMOS processes. The small quiescent current, which
is one of the features of the CMOS logic, gives way to high speed
operations which enables LS-TTL.
With wave forming buffers connected internally, stabilized output
can be achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8A package,
high density mounting is possible.
■
Features
High Speed Operation
: tpd = 2.65ns TYP (Vcc=5V)
Operating Voltage Range: 2V ~ 5.5V
Low Power Consumption: 1µA (max)
Small Package
: MSOP-8A
■
Pin Configuration
■
Function
INPUT
OUTPUT
A
B
Y
H
H
L
H
L
L
L
H
L
L
L
H
H=High level
L=Low level
■
Absolute Maximum Ratings
Ta=-40°C~85°C
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
Vcc
-0.5 ~ +6.0
V
Input voltage
VIN
-0.5 ~ +6.0
V
Output Voltage
VOUT
-0.5 ~ Vcc +0.5
V
Input Diode Current
IIK
±20
mA
Output Diode current
IOK
±20
mA
Switch Output Current
IOUT
±25
mA
Vcc, GND Current
ICC, IGND
±50
mA
Power Dissipation (Ta=25°C)
Pd
300
mW
Storage Temperature
Tstg
-65 ~ +150
°C
Note: Voltage is all Ground standardized.


Similar Part No. - ML74WL02

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WL00 MINILOGIC-ML74WL00 Datasheet
128Kb / 3P
Dual 2-input NAND Gate
ML74WL04 MINILOGIC-ML74WL04 Datasheet
123Kb / 3P
Triple Inverter
More results

Similar Description - ML74WL02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
logo
NXP Semiconductors
74LVC2G02 NXP-74LVC2G02 Datasheet
87Kb / 15P
Dual 2-input NOR gate
Rev. 05-4 September 2007
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
DUAL 2-INPUT NOR GATE
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
Dual 2-input NOR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com