Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0104AP4-S Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0104AP4-S
Description  Ultra-Miniature Slide & Piano DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0104AP4-S Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0104AP4-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0104AP4-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
Series JS
TYPICAL SWITCH ORDERING EXAMPLE
01
JS
Extended Slide Actuator
SPST OFF-ON Circuit with 8 Positions
CONTACT MATERIAL
& RATING
P4
Gold Rated
25mA @ 24V DC
A
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JS0108AP4-S
P4
S
PACKAGING
S
Stick-Tube
Not available in bulk
08
ACTUATOR
A
Extended Slide for
01 Mounting Code
P
Piano for
03 Mounting Code
Stick-Tube Packaging
MOUNTING
01
Through-hole
for Slide Actuator
03
Through-hole
for Piano Actuator
NO. OF POSITIONS
04
4 Positions
08
8 Positions
JS slides are SPST devices
with OFF-ON circuit
Through-hole Mounting
for Slide Actuator
Gold Contacts with 25mA Rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com