Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS0304AP4-S Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JS0304AP4-S
Description  Ultra-Miniature Slide & Piano DIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JS0304AP4-S Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  JS0304AP4-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JS0304AP4-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JS0304AP4-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JS0304AP4-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JS0304AP4-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Slide & Piano DIP
Series JS
General Specifications
Electrical Capacity (Resistive Load)
Switching Rating:
25mA @ 24V DC
Nonswitching Rating:
0.1A @ 50V DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
2,000 operations minimum
Electrical Life:
2,000 operations minimum
Total Travel:
For slide actuator: .031” (0.8mm); for piano actuator: .114” (2.9mm)
Materials & Finishes
JS01 Slide DIP
JS03 Piano DIP
Actuator:
Glass fiber reinforced polyamide
Glass fiber reinforced PBT
Cover:
Glass fiber reinforced polyamide (UL94V-0)
Glass fiber reinforced PBT (UL94V-0)
Base:
Glass fiber reinforced polyamide (UL94V-0)
Glass fiber reinforced PBT (UL94V-0)
Contacts:
Beryllium copper with gold plating
Phosphor bronze with gold plating
Terminals:
Brass with gold plating
Phosphor bronze with gold plating
Environmental Data
Operating Temp Range:
–25°C through +70°C (–13°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering:
Wave Soldering Recommended. See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Note: Switches are packaged in OFF position and should be soldered in OFF position.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL 94V-0 rated cover & base
UL Recognition or
CSA Certification:
The JS series devices have not been tested for UL recognition and CSA certification.
These switches are designed for use in a low-voltage, low-current circuit.
When used as intended in a low-voltage, low-current circuit, the results do not produce
hazardous energy.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com