Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6209 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML6209
Description  High Speed LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6209 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML6209 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
P3/14
Rev. A, March 2006
ML6209
Marking Information
◆
SOT-23-5
(TOP VIEW)
SOT-89-5
(TOP VIEW)
1represents the product name
Designator
Product Name
P
ML6209*******
2 represents the integer part of the output voltage
Designator
Output voltage (V)
1
1.0
2
2.0
3
3.0
4
4.0
5
5.0
6
6.0
3represents the decimal part of the output voltage
Designator
Output Voltage
(V)
Designator
Output voltage
(V)
0
0.0
A
0.05
1
0.1
B
0.15
2
0.2
C
0.25
3
0.3
D
0.35
4
0.4
E
0.45
5
0.5
F
0.55
6
0.6
G
0.65
7
0.7
H
0.75
8
0.8
I
0.85
9
0.9
J
0.95
e.g.
23=12 ⇒ 1.20V and 23=1C ⇒ 1.25V.
4 represents the resistor version
Designator
Resistor Version
A
Active “High” (pull-down resistor built in)
B
Active “High” (no pull-down resistor built in)
C
Active “Low” (pull-up resistor built in)
D
Active “Low” (no pull-up resistor built in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com