Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC78L06 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC78L06
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC78L06 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSC78L06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC78L06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC78L06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC78L06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC78L06 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 4 of 5
S
SC78L15 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=23V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
14.55
15.0
15.45
VO
B-Rank (5%)
14.25
-
15.75
V
Vin=23V, Io=40mA, Tj=25 :
17.5V Vin 30V, 1mA Io 40mA
17.5V Vin Vmax, 1mA Io 70mA (Note2)
-
25
150
17.5V Vin 30V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
15
75
mV
20V Vin 30V, Io=40mA, Tj=25 :
-
20
150
Vin=23V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
25
150
mV
Vin=23V, 1mA Io 70mA, Tj=25 :
I
Q
-
2.2
6.5
mA
Vin=23V, Io=0mA, Tj=25 :
-
-
0.1
Vin=23V, 1mA Io 40mA
I
Q
-
-
1.5
mA
20V Vin 30V, Io=40mA
Vn
-
90
-
V
10Hz f 100KHz
RR
34
63
-
dB
18.5V Vin 28.5V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
-1.3
-
mV/ :
I
o=5mA, 0
Tj 125
:
:
S
SC78L18 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=27V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
17.46
18.0
18.54
VO
B-Rank (5%)
17.10
-
18.9
V
Vin=27V, Io=40mA, Tj=25 :
21V Vin 33V, 1mA Io 40mA
21V Vin Vmax, 1mA Io 70mA (Note2)
-
145
300
21V Vin 33V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
135
250
mV
22V Vin 33V, Io=40mA, Tj=25 :
-
30
170
Vin=27V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
15
85
mV
Vin=27V, 1mA Io 40mA, Tj=25 :
I
Q
-
2.0
6.0
mA
Vin=27V, Io=0mA, Tj=25 :
-
-
0.1
Vin=27V, 1mA Io 40mA
I
Q
-
-
1.5
mA
21V Vin 33V, Io=40mA
Vn
-
150
-
V
10Hz f 100KHz
RR
34
48
-
dB
23V Vin 33V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
-1.8
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
S
SC78L24 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=33V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
23.28
24.0
24.72
VO
B-Rank (5%)
22.80
-
25.20
V
Vin=33V, Io=40mA ,Tj=25 :
27V Vin 38V, 1mA Io 40mA
27V Vin Vmax, 1mA Io 70mA (Note2)
-
160
300
27V Vin 38V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
150
250
mV
28V Vin 38V, Io=40mA, Tj=25 :
-
40
200
Vin=33V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
20
100
mV
Vin=33V, 1mA Io 40mA, Tj=25 :
I
Q
-
2.2
6.0
mA
Vin=33V, Io=0mA, Tj=25 :
-
-
0.1
Vin=33V, 1mA Io 40mA
I
Q
-
-
1.5
mA
27V Vin 38V, Io=40mA
Vn
-
200
-
V
10Hz f 100KHz
RR
34
45
-
dB
27V Vin 38V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
-2.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
SSC78LXX
Positive Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com