Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC1118 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC1118
Description  1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC1118 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSC1118 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC1118 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC1118 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSC1118
1A Positive Low Dropout
Fixed-Mode Regulator With EN Function
Description
The SSC1118 is a low dropout positive fixed-mode regulator with min. of
1A output current capability. The product is specifically designed to
provide well-regulated supply for low voltage IC applications such as high-
speed bus termination and low current 3.3V logic supply.SSC1118 is
also well suited for other applications such as VGA cards. The product is
guaranteed to have < 1.4V dropout at full load current making it ideal to
provide well regulated outputs 1.5V to 12V with up to 18V input supply.
The product offers a TTL-Logic compatible enable pin.
* Fixed Output Voltage 1.5V,1.8V,2.5V,3.3V,5.0V,9.0V,12V
Features
*
1.4V Max. Dropout Voltage At Full Load Current
*
Enable Function
* Output Current Limiting
* Good Noise Rejection
* Fast Transient Response
* Built-in Thermal Shutdown
* Communication
Applications
*
CDROM.
*
PC Peripheral
01-Jun-2002 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Circuit
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Millimeter
Millimeter
GND
VOUT
VIN
EN
NC
Name
Description
Ground
Pin Descriptions
The output pin of regulator. A min. of 10uF capacitor must be connected from this pin to ground to insure stability.
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage
does not sag below the min. dropout voltage during the load transient response. This pin must always be1.3V higher than VOUT
in order for the device to regulate properly.
This input pin of regulator. TTL/CMOS compatiable input Logic high= disable output, Logic low or open=output enable.
(internal pull-down resistor~100K)
No connection.


Similar Part No. - SSC1118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC100 ETC-SSC100 Datasheet
25Kb / 2P
FC-AL Embedded Controller
logo
Crydom Inc.,
SSC1000-25 CRYDOM-SSC1000-25 Datasheet
536Kb / 4P
panel mount
SSC1000-25-12 CRYDOM-SSC1000-25-12 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-24 CRYDOM-SSC1000-25-24 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
SSC1000-25-36 CRYDOM-SSC1000-25-36 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - SSC1118

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Rev. 1.1 Feb. 15, 2005
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5M1119 SECOS-S5M1119 Datasheet
518Kb / 3P
0.5A Positive Low Dropout Fixed-Mode Regulato r With EN Function
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com