Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2117 Datasheet(PDF) 7 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2117
Description  Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2117 Datasheet(HTML) 7 Page - SeCoS Halbleitertechnologie GmbH

  SSC2117 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2117 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01-Jun-2002 Rev. A
Page
7of 7
Elektronische Bauelemente
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
External Resistor Divider Table
R1(k )
1
2
5
10
20
R1(k )
1
2
5
10
20
VOUT
R2(k )=(1.24*R1(k ))/(VOUT-1.24)
VOUT
R2(k )=(1.242*R1(k ))/(VOUT-1.242)
1.30
20.67
41.33
103.33 206.67 413.33
3.20
0.63
1.27
3.16
6.33
12.65
Note: Small load (greater than 2mA) is necessary as R1 or R2 is larger than 50k . Otherwise, output voltage probably can not be pulled
down to 0V on disable mode.
Ω
Ω
Ω
Ω
Ω
Ω
Ω
1.35
11.27
22.55
56.36
112.73 225.45
3.25
0.62
1.23
3.08
6.17
12.34
1.40
7.75
15.50
38.75
77.50
155.00
3.30
0.60
1.20
3.01
6.02
12.04
1.45
5.90
11.81
29.52
59.05
118.10
3.35
0.59
1.18
2.94
5.88
11.75
1.50
4.77
9.54
23.85
47.69
95.38
3.40
0.57
1.15
2.87
5.74
11.48
1.55
4.00
8.00
20.00
40.00
80.00
3.45
0.56
1.12
2.81
5.61
11.22
1.60
3.44
6.89
17.22
34.44
68.89
3.50
0.55
1.10
2.74
5.49
10.97
1.65
3.02
6.05
15.12
30.24
60.49
3.55
0.54
1.07
2.68
5.37
10.74
1.70
2.7
5.39
13.48
26.96
53.91
3.60
0.53
1.05
2.63
5.25
10.51
1.75
2.43
4.86
12.16
24.31
48.63
3.65
0.51
1.03
2.57
5.15
10.29
1.80
2.21
4.43
11.07
22.14
44.29
3.70
0.50
1.01
2.52
5.04
10.08
1.85
2.03
4.07
10.16
20.33
40.66
3.75
0.49
0.99
2.47
4.94
9.88
1.90
1.88
3.76
9.39
18.79
37.58
3.80
0.48
0.97
2.42
4.84
9.69
1.95
1.75
3.49
8.73
17.46
34.93
3.85
0.48
0.95
2.38
4.75
9.50
2.00
1.63
3.26
8.16
16.32
32.63
3.90
0.47
0.93
2.33
4.66
9.32
2.05
1.53
3.06
7.65
15.31
30.62
3.95
0.46
0.92
2.29
4.58
9.15
2.10
1.44
2.88
7.21
14.42
28.84
4.00
0.45
0.90
2.25
4.49
8.99
2.15
1.36
2.73
6.81
13.63
27.25
4.05
0.44
0.88
2.21
4.41
8.83
2.20
1.29
2.58
6.46
12.92
25.83
4.10
0.43
0.87
2.17
4.34
8.67
2.25
1.23
2.46
6.14
12.28
24.55
4.15
0.43
0.85
2.13
4.26
8.52
2.30
1.17
2.34
5.85
11.70
23.40
4.20
0.42
0.84
2.09
4.19
8.38
2.35
1.12
2.23
5.59
11.17
23.34
4.25
0.41
0.82
2.06
4.12
8.24
2.40
1.07
2.14
5.34
10.69
21.38
4.30
0.41
0.81
2.03
4.05
8.10
2.45
1.02
2.05
5.12
10.25
20.50
4.35
0.40
0.80
1.99
3.99
7.97
2.50
0.98
1.97
4.92
9.84
19.68
4.40
0.39
0.78
1.96
3.92
7.85
2.55
0.95
1.89
4.73
9.47
18.93
4.45
0.39
0.77
1.93
3.86
7.73
2.60
0.91
1.82
4.56
9.12
18.24
4.50
0.38
0.76
1.90
3.80
7.61
2.65
0.88
1.76
4.40
8.79
17.59
4.55
0.37
0.75
1.87
3.75
7.49
2.70
0.85
1.70
4.25
8.49
16.99
4.60
0.37
0.74
1.85
3.69
7.38
2.75
0.82
1.64
4.11
8.21
16.42
4.65
0.36
0.73
1.82
3.64
7.27
2.80
0.79
1.59
3.97
7.95
15.90
4.70
0.36
0.72
1.79
3.58
7.17
2.85
0.77
1.54
3.85
7.70
15.40
4.75
0.35
0.71
1.77
3.53
7.07
2.90
0.75
1.49
3.73
7.47
14.94
4.80
0.35
0.70
1.74
3.48
6.97
2.95
0.73
1.45
3.63
7.25
14.50
4.85
0.34
0.69
1.72
3.43
6.87
3.00
0.70
1.41
3.52
7.05
14.09
4.90
0.34
0.68
1.69
3.39
6.78
3.05
0.69
1.37
3.43
6.85
13.70
4.95
0.33
0.67
1.67
3.34
6.68
3.10
0.67
1.33
3.33
6.67
13.33
5.00
0.33
0.66
1.65
3.30
6.60
3.15
0.65
1.30
3.25
6.49
12.98
SSC2117
750mA CMOS
Positive Voltage Regulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com