Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2119 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2119
Description  1.55A CMOS Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2119 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSC2119 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2119 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC
PSRR
eN
150
Note
V
_
_
_
_
_
_
_
_
_
_
Input Voltage
Over Temperature Shutdown
Over Temperature Hystersis
Output Voltage
Temperature Coefficient
Output Voltage Noise
VIN
OTS
OTH
3
7
30
30
15
50
20
30
_
_
_
_
C
o
C
o
ppm/
dB
uVrms
C
o
f=1kHz
f=10kHz
Io=100mA
Co=4.7uF
f=10Hz~100kHz, Io=10mA
REGLINE
Line Regulation
I
45
0.02
0.1
A
%
_
0.15
Io=1mA
VIN=VOUT(T)+1
to VOUT(T)+2
VOUT(T)< 2.0V
2.0V VOUT(T)
Power Supply Rejection
VEH
IEH
ISD
0.1
_
_
_
_
EN Input Threshold
2
0
0.5
0.5
2
_
uA
V
VIN=VEN,
VIN=5V,VO=0V,VEN<VEL
Shutdown Supply Current
VEL
_
VIN
0.4
VIN=2.7V to 7V
EN Input Bias Current
IEL
_
VEN=0V,
uA
Ground Oin Current
GND
1
1000
u
_
Vo=V
%
mV
_
_
_
_
800
600
OUT
Parameter
Symbol
Max.
Typ.
Condition
Min.
Unit
Output Voltage
Output Current
Current Limit
Dropout Voltage
VOUT
IO
ILIM
VDROPOUT
-1.5%
1.55
-1
V
A
IO=1mA
VO>1.2V
_
_
_
_
1
(E)
VOUT
2
(T)
1.5%
A
Load Regulation
REGLOAD
0.2
Io=1mA~ 1.5 A
1.5V<VOUT(T)
_
Io=1.55A
(E)-2%
1.55
2.0
VO>1.2V
_
2.0V
(ceramic)
CO=4.7uF
ADJ Input Bias Current
ADJ Reference Voltage
IADJ
_
_
1
uA
VREF
1.223
1.242
1.261
V
VIN=5V,VADJ=1.242V
2.0V<VOUT(T) 2.8V
2.8V<VOUT(T)
_
Io=1mA~ 1.5 A
Electrical Characteristics Ta=25
unless otherwise noted
C
_
_
f=100kHz
VIN=2.7V to 7V
VIN=2.7V to 7V
_
_
30
VIN=2.5V,VO=0V,VEN<VEL
SSC2119
1.55A CMOS
Low Dropout Voltage Regulator
o
(VIN=VOUT(T)+2V,VEN=VIN )
http://www.SeCoSGmbH.com/
oC)
Power Dissipation (
Input Voltage
Output Current
Output Voltage
Operating Ambient Temperature
Junction Temperature
Parameter
Symbol
Ratings
Unit
V
mA
V
C
mW
VIN
IOUT
Tj Max.
8
PD/(VIN-VO)
-40~+125
Gnd-0.3 to VIN+0.3
810
-40~+85
o
Max. Junction Temperature
T=100
EDS Classification
VOUT
Topr
Tj
PD
150
B
C
o
C
o
Absolute Maximum Ratings
Elektronische Bauelemente
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 7
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when "VOUT (T) +2.0V" is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
≤
≤
≤



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com