Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC78L24 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC78L24
Description  Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC78L24 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSC78L24 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC78L24 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 of 5
-Jun-2002 Rev. A
Page 3 of 5
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
S
SC78L09 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=15V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
8.73
9.0
9.27
VO
B-Rank (5%)
8.55
-
9.45
V
Vin=15V, Io=40mA, Tj=25 :
11.5V Vin 24V, 1mA Io 40mA
11.5V Vin Vmax, 1mA Io 70mA (Note2)
-
90
200
11.5V Vin 24V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
100
150
mV
13V Vin 24V, Io=40mA, Tj=25 :
-
20
90
Vin=15V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
10
45
mV
Vin=15V, 1mA Io 40mA, Tj=25 :
I
Q
-
2.0
6.0
mA
Vin=15V, Io=0mA, Tj=25 :
-
-
0.1
Vin=15V, 1mA Io 40mA
I
Q
-
-
1.5
mA
13V Vin 24V, Io=40mA
Vn
-
49
-
V
10Hz f 100KHz
RR
38
44
-
dB
12V Vin 23V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
0.75
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
S
SC78L10 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=17V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
9.70
10.0
10.30
VO
B-Rank (5%)
9.50
-
10.50
V
Vin=17V, Io=40mA, Tj=25 :
13V Vin 25V, 1mA Io 40mA
13V Vin Vmax, 1mA Io 70mA (Note2)
-
51
175
13V Vin 25V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
42
125
mV
14V Vin 25V, Io=40mA, Tj=25 :
-
20
90
Vin=17V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
11
40
mV
Vin=17V, 1mA Io 40mA, Tj=25 :
I
Q
-
4.2
6.0
mA
Vin=17V, Io=0mA, Tj=25 :
-
-
0.1
Vin=17V, 1mA Io 40mA
I
Q
-
-
1.5
mA
14V Vin 25V, Io=40mA
Vn
-
62
-
V
10Hz f 100KHz
RR
37
44
-
dB
15V Vin 25V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
S
SC78L12 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin=19V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
11.64
12.0
12.36
VO
B-Rank (5%)
11.40
-
12.60
V
Vin=19V, Io=40mA, Tj=25 :
14.5V Vin 27V, 1mA Io 40mA
14.5V Vin Vmax, 1mA Io 70mA (Note2)
-
25
300
14.5V Vin 27V, Io=40mA, Tj=25 :
VO
(Line Regulation)
-
20
250
mV
16V Vin 27V, Io=40mA, Tj=25 :
-
25
150
Vin=19V, 1mA Io 100mA, Tj=25 :
VO
(Load Regulation)
-
12
75
mV
Vin=19V, 1mA Io 40mA, Tj=25 :
I
Q
-
2.0
6.0
mA
Vin=19V, Io=0mA, Tj=25 :
-
-
0.1
Vin=19V, 1mA Io 40mA
I
Q
-
-
1.5
mA
16V Vin 27V, Io=40mA
Vn
-
80
-
V
10Hz f 100KHz
RR
37
65
-
dB
15V Vin 25V, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 : ‡ Tj 125 :
SSC78LXX
Positive Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com