Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2129 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2129
Description  CMOS Low Dropout Voltage Regulat or
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2129 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSC2129 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2129 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2129 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2129 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2129 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2129 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Elektronische Bauelemente
SSC2129
CMOS Low Dropout
Voltage Regulator
*
Highly Accurate 1.5%
Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* Noise Reduction Bypass Capacitor
* Guaranteed
1.55A Output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Instrumentation
Typical Application Circuit
Functional Block Diagram
* Power-Saving Shutdown Mode
The SSC2129 is stable with an output capacitance of
4.7µF or greater.
The SSC2129 series positive,linear regulators feature low quiescent
current (45µA typ.) with low dropout voltage, making them ideal
for battery applications. Output voltage are set at the factory and
trimmed to 1.5% accuracy.These rugged devices have both
Thermal Shutdown and Current Fold-back to prevent device failure
under the "Worst" of operating conditions. In applications requiring a
low noise, regulated supply, place a 1000pF capacitor between Bypass
and Ground.
Description
01-Jun-2002 Rev. A
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Millimeter
Millimeter
SSC2129
±


Similar Part No. - SSC2129

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSC2127 SECOS-SSC2127 Datasheet
1Mb / 6P
Positive Voltage Regulator
SSC2128 SECOS-SSC2128 Datasheet
1Mb / 6P
CMOS Low Dropout Voltage Regulat or
More results

Similar Description - SSC2129

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SSC2128 SECOS-SSC2128 Datasheet
1Mb / 6P
CMOS Low Dropout Voltage Regulat or
logo
Cystech Electonics Corp...
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com