Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPD-65B Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPD-65B
Description  Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPD-65B Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPD-65B Datasheet HTML 1Page - MicroPower Direct, LLC MPD-65B Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MPD-65A
MPD-65B
MODEL
OUTPUT
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
V
2
1
V
5
CH2
5V
CH1
24V
CH2
A
8
.
2
A
5
.
5
3.5A
2A
61.1W
65.5W
60mVp-p
150mVp-p
60mVp-p
150mVp-p
4.0%
7.0%
4.0%
7.0%
1.0%
2.0%
1.0%
2.0%
3.0%
4.0%
3.0%
4.0%
75%
78%
SAFETY STANDARDS
RIPPL
OIS max.) Note.2
VOLTAG
OLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Not )
PROTECTION
WITHSTAN
OLTAGE
ISOLATIO
ESISTANCE
I/P-O/P:4KVA
/P-FG:1.5KVA
/P-FG:0.5KVAC
I/P-O/P /P-FG:100
hms/500VDC
EM ONDUCTIO
ADIATION
OUTPU
OWE max.)
CH1
OUTPU
UMBER
MPD-65 Series
Dual Output, Open Frame 65W
EN60601 (Medical) Approved
AC/DC Power Supplies
Key Features:
• Universal AC Input - Full Range
• EN60601, UL2601 (Medical) Approved
• 65W Ouput Power
• Dual Outputs
• Low Leakage Current, < 0.3 mA
• Fixed Switching Frequency (45 kHz)
• LOW COST!
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com


Similar Part No. - MPD-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPD-65B ASTRODYNE-MPD-65B Datasheet
1Mb / 6P
65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPD-65B MEANWELL-MPD-65B Datasheet
335Kb / 2P
65W Dual Output Medical Type
MPD-65B MEANWELL-MPD-65B Datasheet
338Kb / 2P
65W Dual Output Medical Type
MPD-65B MEANWELL-MPD-65B Datasheet
354Kb / 2P
65W Dual Output Medical Type
More results

Similar Description - MPD-65B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPO-65S MPD-MPO-65S Datasheet
283Kb / 2P
Single Output, 65W Compact, Open Frame AC/DC Power Supplies
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSHBU58 WALL-PSHBU58 Datasheet
249Kb / 4P
60 Watts AC - DC Medical Open Frame Power Supplies Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com