Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCNE555 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSCNE555
Description  Single Timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSCNE555 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSCNE555 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSCNE555 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSCNE555 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSCNE555 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSCNE555 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-200
6 Rev. A
Page
2 of 5
Elektronische Bauelemente
SSCNE555
Single Timer
Absolute Maximum Ratings (Ta = 25 °C)
Parameter
Symbol
Value
Units
Supply Voltage
VCC
16
V
Differential Input Voltage
IO
200
mA
Input Voltage
Tlead
300
°C
Power Dissipation
PD
440
mW
Opearting, Storage Temperature
TOPR, TSTG
0~70,
-65~150
°C
Electrical Characteristics (Ta = 25 °C, V
CC = 5 ~ 15V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
4.5
-
16
V
VCC = 5V, RL = ∞
-
3
6
mA
Supply Current (Note 1)
ICC
VCC = 15V, RL = ∞
-
10
15
mA
Timing Error (monostable)
Initial Accurary (Note 1)
ACCUR
RA = 1k ~ 100kΩ
-
1.0
-
%
Drift with Temperature
Δt/ΔT
C = 0.1
μF
-
50
-
ppm/°C
Drift with Supply Voltage
Δt/ΔV
CC
-
0.1
-
%/V
Timing Error (astable)
Initial Accurary (Note 1)
ACCUR
RA = 1k ~ 100kΩ
-
2.25
-
%
Drift with Temperature
Δt/ΔT
C = 0.1
μF
-
150
-
ppm/°C
Drift with Supply Voltage
Δt/ΔV
CC
-
0.3
-
%/V
VCC = 15V
9.0
10.0
11.0
Control Voltage
VC
VCC = 5V
2.6
3.33
4.0
VCC = 15V
9.2
10.0
10.8
Threshold Voltage
VTH
VCC = 5V
3.1
3.33
3.55
V
Threshold Current (Note 3)
ITH
-
0.1
0.25
μA
VCC = 5V
1.1
1.67
2.2
Trigger Voltage
Vtr
VCC = 15V
4.5
5
5.6
V
Trigger Current
Itr
Vtr = 0
-
-
2.0
μA
Reset Voltage
Vrst
0.4
0.7
1.0
V
Reset Current
Irst
-
0.1
0.4
mA
VCC = 15V, Isink = 10mA
-
0.06
0.25
VCC = 15V, Isink = 50mA
-
0.3
0.75
Low Output Voltage
VOL
VCC = 5V, Isink = 5mA
-
0.05
0.35
V
VCC = 15V, Isink = 200mA
-
12.5
-
VCC = 15V, Isink = 100mA
12.75
13.3
15
High Output Voltage
VOH
VCC = 5V, Isink = 100mA
2.75
3.3
5
V
Reset Time of Output
tR
-
100
-
nSec
Fall Time of Output
tF
-
100
-
nSec
Discharge leakage Current
ILKG
-
20
100
nA
Note 1: Supply current when output is high typically 1 mA less at VCC = 5V
Note 2: Tested at VCC = 5V and VCC = 15V.
Note 3: This will determine the maximum value or RA+RB for 15V operation, the maximum total is R=20M
Ω, and for 5V operation the
maximum total is R=6.7M
Ω.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com