Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG9435 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG9435
Description  P-Ch Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG9435 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG9435 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG9435 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SSG9435
P-Ch Enhancement Mode Power MOSFET
-5.3 A, -30 V, RDS(ON) 55 mΩ
01-June-2004 Rev. B
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG9435 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness. The SOP-8 package is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications such as DC/DC converters.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching Performance
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
P-ch Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±16
V
Continuous Drain Current
3 ,VGS@ 10V
ID @Ta=25℃
-5.3
A
Continuous Drain Current
3 ,VGS@ 10V
ID @Ta=70℃
-4.7
A
Pulsed Drain Current
1,
IDM
-20
A
Total Power Dissipation
PD @Ta=25℃
2.5
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
Linear Derating Factor
0.02
W/℃
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient
Max.
R
θj-amb
50
℃
/ W
0.25
Dimensions in millimeters
6.20
5.80
1.27Typ.
0.35
0.49
4.80
5.00
0
0.100.25
1.35
1.75
0.40
0.90
0.19
0.25
3.80
4.00
0.375 REF
o
8
o
45
o
SOP-8
S
S
S
G
D
D
D
D
9435SC
Date Code
1
5
7
8
2
3
4
6
S
D
G


Similar Part No. - SSG9435

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SSG9435 SECOS-SSG9435 Datasheet
3Mb / 5P
P-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSG9435 DOINGTER-SSG9435 Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SSG9435 VBSEMI-SSG9435 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
SSG9435A VBSEMI-SSG9435A Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SSG9435

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD20P06-135D SECOS-SSD20P06-135D Datasheet
396Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD30P06-45D SECOS-SSD30P06-45D Datasheet
354Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD50P03-09D SECOS-SSD50P03-09D Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4463P SECOS-SSG4463P Datasheet
625Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSRF50P04-16 SECOS-SSRF50P04-16 Datasheet
144Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSD40P04-20DE SECOS-SSD40P04-20DE Datasheet
1Mb / 4P
P-Ch Enhancement Mode Power MOSFET
SSD20P15 SECOS-SSD20P15_15 Datasheet
447Kb / 4P
P-Ch Enhancement Mode Power MOSFET
SSG4841P SECOS-SSG4841P_15 Datasheet
151Kb / 2P
P-Ch Enhancement Mode Power MOSFET
SSG4935P SECOS-SSG4935P_15 Datasheet
464Kb / 4P
P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com